データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE6208-3G データシート(PDF) 11 Page - Infineon Technologies AG

部品番号 TLE6208-3G
部品情報  Triple-Half-Bridge
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6208-3G データシート(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6208-3G Datasheet HTML 7Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 8Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 9Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 10Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 11Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 12Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 13Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 14Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TLE 6208-3 G
Data Sheet
11
2001-05-10
Outputs OUT1-3
Static Drain-Source-On Resistance
Source (High-Side)
I
OUT = – 0.5 A
R
DS ON H
0.8
0.95
8V <
V
S < 40 V
T
j = 25 °C
1.6
8V <
V
S < 40 V
1
V
SOFF < VS ≤ 8V
T
j = 25 °C
2
V
SOFF < VS ≤ 8V
Sink (Low-Side)
I
OUT = 0.5 A
R
DS ON L
0.75
0.9
8V <
V
S < 40 V
T
j = 25 °C
1.5
8V <
V
S < 40 V
1
V
SOFF < VS ≤ 8V
T
j = 25 °C
2
V
SOFF < VS ≤ 8V
Leakage Current
Source-Output-Stage 1 to 3
I
QLH
– 5
– 1
µA
V
OUT1-3 = 0 V
Sink-Output-Stage 1 to 3
I
QLL
150
300
µA
V
OUT1-3 = VS
Overcurrent
Source shutdown threshold
I
SDU
– 2
– 1.3
– 1A
Sink shutdown threshold
I
SDL
11.2
2A
Current limit
I
OCL
2.4
4
A
sink and source
Shutdown delay time
t
dSD
10
28
40
µs
sink and source
2.3
Electrical Characteristics (cont’d)
8V<
VS < 40 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open; – 40 °C< Tj <150 °C;
unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


同様の部品番号 - TLE6208-3G

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE6208-3G INFINEON-TLE6208-3G Datasheet
198Kb / 21P
   Triple-Half-Bridge
2001-05-10
TLE6208-3G INFINEON-TLE6208-3G Datasheet
415Kb / 22P
   Triple Half Bridges Optimized for DC motor management applications
2007-09-12
TLE6208-3G INFINEON-TLE6208-3G_07 Datasheet
415Kb / 22P
   Triple Half Bridges Optimized for DC motor management applications
2007-09-12
More results

同様の説明 - TLE6208-3G

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE6208-3-G INFINEON-TLE6208-3-G Datasheet
198Kb / 21P
   Triple-Half-Bridge
2001-05-10
logo
Texas Instruments
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
   Triple half-bridge high-voltage gate driver
April 2021 Rev 2
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
logo
ATMEL Corporation
ATA6831 ATMEL-ATA6831 Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
ATA6831 ATMEL-ATA6831_07 Datasheet
362Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C_14 Datasheet
639Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com