データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLHR4201 データシート(PDF) 7 Page - Vishay Siliconix

部品番号 TLHR4201
部品情報  High Efficiency LED, 3 mm Tinted Undiffused Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR4201 データシート(HTML) 7 Page - Vishay Siliconix

Back Button TLHR4201 Datasheet HTML 2Page - Vishay Siliconix TLHR4201 Datasheet HTML 3Page - Vishay Siliconix TLHR4201 Datasheet HTML 4Page - Vishay Siliconix TLHR4201 Datasheet HTML 5Page - Vishay Siliconix TLHR4201 Datasheet HTML 6Page - Vishay Siliconix TLHR4201 Datasheet HTML 7Page - Vishay Siliconix TLHR4201 Datasheet HTML 8Page - Vishay Siliconix TLHR4201 Datasheet HTML 9Page - Vishay Siliconix TLHR4201 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VISHAY
TLHG / O / P / R / Y420.
Document Number 83005
Rev. 1.3, 31-Aug-04
Vishay Semiconductors
www.vishay.com
7
Figure 19. Relative Intensity vs. Wavelength
Figure 20. Forward Current vs. Forward Voltage
Figure 21. Rel. Luminous Intensity vs. Ambient Temperature
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
λ -
- Wavelength ( nm )
1.0
Yellow
0.1
1
10
100
1000
10
8
6
4
2
0
95 10034
VF - Forward Voltage(V)
Green
t p /T = 0.001
t p =10 µs
0
0.4
0.8
1.2
1.6
95 10035
Green
I F =10mA
Tamb- Ambient Temperature (°C)
20
40
60
80
0
100
Figure 22. Specific Luminous Intensity vs. Forward Current
Figure 23. Relative Luminous Intensity vs. Forward Current
Figure 24. Relative Intensity vs. Wavelength
10
20
50
100 200
0
0.4
0.8
1.2
1.6
2.4
95 10263
500
2.0
Green
IF(mA)
0.5
0.2 0.1
0.05
0.02
1
tp/T
IF - Forward Current ( mA )
100
Green
0.1
1
10
95 10037
10
1
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
λ -
- Wavelength ( nm )
1.0
Green


同様の部品番号 - TLHR4201

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHR4201 VISHAY-TLHR4201 Datasheet
120Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. A1, 04-Feb-99
TLHR4201 VISHAY-TLHR4201 Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
TLHR4201 VISHAY-TLHR4201 Datasheet
214Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLHR4201-AS12Z VISHAY-TLHR4201-AS12Z Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
More results

同様の説明 - TLHR4201

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHR42 VISHAY-TLHR42 Datasheet
120Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. A1, 04-Feb-99
TLHO42M1N2 VISHAY-TLHO42M1N2_V01 Datasheet
107Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Undiffused Package
01-Jan-2022
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHB420 VISHAY-TLHB420 Datasheet
70Kb / 5P
   High Efficiency Blue LED, 3 mm Tinted Non.Diffused Package
Rev. A1, 04-Feb-99
TLHB440 VISHAY-TLHB440_V01 Datasheet
114Kb / 6P
   High Efficiency Blue LED, ??3 mm Tinted Diffused Package
18-Jul-08
TLHR44 VISHAY-TLHR44 Datasheet
123Kb / 11P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG440 VISHAY-TLHG440_V01 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHB420 VISHAY-TLHB420_V01 Datasheet
112Kb / 5P
   High Efficiency Blue LED, ??3 mm Tinted Non-Diffused Package
18-Jul-08
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
   High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
01-Jan-2023
TLHG44K1L2 VISHAY-TLHG44K1L2_V01 Datasheet
113Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com