データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLHY4201 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 TLHY4201
部品情報  High Efficiency LED, 3 mm Tinted Undiffused Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHY4201 データシート(HTML) 1 Page - Vishay Siliconix

  TLHY4201 Datasheet HTML 1Page - Vishay Siliconix TLHY4201 Datasheet HTML 2Page - Vishay Siliconix TLHY4201 Datasheet HTML 3Page - Vishay Siliconix TLHY4201 Datasheet HTML 4Page - Vishay Siliconix TLHY4201 Datasheet HTML 5Page - Vishay Siliconix TLHY4201 Datasheet HTML 6Page - Vishay Siliconix TLHY4201 Datasheet HTML 7Page - Vishay Siliconix TLHY4201 Datasheet HTML 8Page - Vishay Siliconix TLHY4201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VISHAY
TLHG / O / P / R / Y420.
Document Number 83005
Rev. 1.3, 31-Aug-04
Vishay Semiconductors
www.vishay.com
1
e3 Pb
Pb-free
19220
High Efficiency LED,
∅ 3 mm Tinted Undiffused Package
Description
The TLH.42.. series was developed for standard
applications like general indicating and lighting pur-
poses.
It is housed in a 3 mm tinted clear plastic package.
The wide viewing angle of these devices provides a
high on-off contrast.
Several selection types with different luminous inten-
sities are offered. All LEDs are categorized in lumi-
nous intensity groups. The green and yellow LEDs
are categorized additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
Features
• Choice of five bright colors
• Standard T-1 package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• Lead-free device
Applications
Status lights
OFF / ON indicator
Background illumination
Readout lights
Maintenance lights
Legend light
Parts Table
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLHR4200
Red, IV > 4 mcd
22 °
GaAsP on GaP
TLHR4201
Red, IV > 6.3 mcd
22 °
GaAsP on GaP
TLHR4205
Red, IV > 10 mcd
22 °
GaAsP on GaP
TLHO4200
Soft orange, IV > 4 mcd
22 °
GaAsP on GaP
TLHO4201
Soft orange, IV > 10 mcd
22 °
GaAsP on GaP
TLHY4200
Yellow, IV > 4 mcd
22 °
GaAsP on GaP
TLHY4201
Yellow, IV > 6.3 mcd
22 °
GaAsP on GaP
TLHY4205
Yellow, IV > 10 mcd
22 °
GaAsP on GaP
TLHG4200
Green, IV > 6.3 mcd
22 °
GaP on GaP
TLHG4201
Green, IV > 10 mcd
22 °
GaP on GaP
TLHG4205
Green, IV > 16 mcd
22 °
GaP on GaP
TLHP4200
Pure green, IV > 2.5 mcd
22 °
GaP on GaP
TLHP4201
Pure green, IV > 6.3 mcd
22 °
GaP on GaP


同様の部品番号 - TLHY4201

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHY4201 VISHAY-TLHY4201 Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
TLHY4201 VISHAY-TLHY4201 Datasheet
214Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
More results

同様の説明 - TLHY4201

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHR42 VISHAY-TLHR42 Datasheet
120Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. A1, 04-Feb-99
TLHO42M1N2 VISHAY-TLHO42M1N2_V01 Datasheet
107Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Undiffused Package
01-Jan-2022
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHB420 VISHAY-TLHB420 Datasheet
70Kb / 5P
   High Efficiency Blue LED, 3 mm Tinted Non.Diffused Package
Rev. A1, 04-Feb-99
TLHB440 VISHAY-TLHB440_V01 Datasheet
114Kb / 6P
   High Efficiency Blue LED, ??3 mm Tinted Diffused Package
18-Jul-08
TLHR44 VISHAY-TLHR44 Datasheet
123Kb / 11P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG440 VISHAY-TLHG440_V01 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHB420 VISHAY-TLHB420_V01 Datasheet
112Kb / 5P
   High Efficiency Blue LED, ??3 mm Tinted Non-Diffused Package
18-Jul-08
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
   High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
01-Jan-2023
TLHG44K1L2 VISHAY-TLHG44K1L2_V01 Datasheet
113Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com