データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-FS1-SF2-1XXX データシート(PDF) 2 Page - Amphenol Corporation

部品番号 P-FS1-SF2-1XXX
部品情報  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-FS1-SF2-1XXX データシート(HTML) 2 Page - Amphenol Corporation

  P-FS1-SF2-1XXX Datasheet HTML 1Page - Amphenol Corporation P-FS1-SF2-1XXX Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.40
2.40
19.71±0.05
25.1
6.002 PLCS
6.00 2 PLCS
19.010
8.87 2 PLCS.
1.400
1.000
3.800
3.400
KEY #2, 4 - 4, 6
H
KEY #7-7
KEY #1-1
SIGNAL CONNECTOR
LOCATING HOLES
FRONT EDGE OF PCB
PLATED AREA OF PCB
(GROUND)
G
2.500 4 PLCS
1.550 2 PLCS
2x 17.740
15.000
27.370 29.480
3.200
36.740
38.240
39.220
41.970
6.000
15.800
16.800
EMC GASKET
38.8
6.26
7.54
1.80
1.46
2 PLCS
LEFT KEY
RIGHT KEY
10.9
43.3
38.30
5.84
38.76
7.70
R0.76
NOTES:
1) MATERIAL:
MAIN CAGE: ZINC DIECAST SHELL WITH 150 MICROINCHES OF
NICKEL PLATING
EMC GASKET: SEE SHEET 1
COVER: STAINLESS STEEL
MOUNTING SCREW: AISI 1010 STEEL
2) ROHS COMPLIANT
RECOMMENDED PCB LAYOUT
KEY #4-4
RECOMMENDED PANEL CUT-OUT
RECOMMENDED FACE PLATE TO
LOCATING POST DISTANCE
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
1
SHEET
2 OF 2
AB
SCALE:
REV
DWG.
NO.
6
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenol-highspeed.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-FS1-SF2-1XXX
MINI SAS "0" DEGREE
2 PORT CAGE
ZLJ
S
ELASTOMERIC GASKET OPTION ADDED
SEP 15/09
ZLJ
DWG SIZE:
DO NOT
SCALE
DRAWING
LAN 06/09
ZLJ
03554
NTS
C
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
THIRD
ANGLE
PROJECTION
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
ANGULAR DEGREES
0.30
0.20
0.10
1.0
MILLIMETERS
MILLIMETERS
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
JAN 14/10
TZLJ
DETAIL H ADDED
JAN 06/09
ZLJ
JAN 30/13
NO GASKET OPTION ADDED
AA
AB
CORRECTED VIEW
MAY 17/13
ZLJ
DETAIL G
SCALE 4 : 1
1.500
41.97
4 PLCS.
M-0.4
PANEL OPENING
BOTTOM EDGE OF
SCALE 16 : 1
DETAIL H
PCB
0.20


同様の部品番号 - P-FS1-SF2-1XXX

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-FS1-SF1-1XXX AMPHENOL-P-FS1-SF1-1XXX Datasheet
142Kb / 2P
   d-sub technical data
More results

同様の説明 - P-FS1-SF2-1XXX

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com