データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6204A1DRB データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6204A1DRB
部品情報  1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6204A1DRB データシート(HTML) 11 Page - Texas Instruments

Back Button TPA6204A1DRB Datasheet HTML 7Page - Texas Instruments TPA6204A1DRB Datasheet HTML 8Page - Texas Instruments TPA6204A1DRB Datasheet HTML 9Page - Texas Instruments TPA6204A1DRB Datasheet HTML 10Page - Texas Instruments TPA6204A1DRB Datasheet HTML 11Page - Texas Instruments TPA6204A1DRB Datasheet HTML 12Page - Texas Instruments TPA6204A1DRB Datasheet HTML 13Page - Texas Instruments TPA6204A1DRB Datasheet HTML 14Page - Texas Instruments TPA6204A1DRB Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TPA6204A1
SLOS429 − MAY 2004
www.ti.com
11
FULLY DIFFERENTIAL AMPLIFIER
EFFICIENCY AND THERMAL INFORMATION
Class-AB amplifiers are inefficient. The primary cause of
these inefficiencies is voltage drop across the output stage
transistors. There are two components of the internal
voltage drop. One is the headroom or dc voltage drop that
varies inversely to output power. The second component
is due to the sinewave nature of the output. The total
voltage drop can be calculated by subtracting the RMS
value of the output voltage from VDD. The internal voltage
drop multiplied by the average value of the supply current,
IDD(avg), determines the internal power dissipation of the
amplifier.
An easy-to-use equation to calculate efficiency starts out
as being equal to the ratio of power from the power supply
to the power delivered to the load. To accurately calculate
the RMS and average values of power in the load and in
the amplifier, the current and voltage waveform shapes
must first be understood (see Figure 18).
V(LRMS)
VO
IDD
IDD(avg)
Figure 18. Voltage and Current Waveforms for
BTL Amplifiers
Although the voltages and currents for SE and BTL are
sinusoidal in the load, currents from the supply are
different between SE and BTL configurations. In an SE
application the current waveform is a half-wave rectified
shape, whereas in BTL it is a full-wave rectified waveform.
This means RMS conversion factors are different. Keep in
mind that for most of the waveform both the push and pull
transistors are not on at the same time, which supports the
fact that each amplifier in the BTL device only draws
current from the supply for half the waveform. The
following equations are the basis for calculating amplifier
efficiency.
Efficiency of a BTL amplifier
+
P
L
P
SUP
Where:
P
L +
V
L
rms2
R
L
, and V
LRMS +
V
P
2
, therefore, P
L +
V
P
2
2R
L
PL = Power delivered to load
PSUP = Power drawn from power supply
VLRMS = RMS voltage on BTL load
RL = Load resistance
VP = Peak voltage on BTL load
IDDavg = Average current drawn from the
power supply
VDD = Power supply voltage
ηBTL = Efficiency of a BTL amplifier
and PSUP + VDD IDDavg and IDDavg +
1
p
p
0
V
P
R
L
sin(t) dt
+* 1p
V
P
R
L
[cos(t)]
p
0
+
2V
P
p R
L
Therefore,
P
SUP +
2V
DD
V
P
p R
L
substituting PL and PSUP into equation 6,
Efficiency of a BTL amplifier
+
V
P
2
2R
L
2V
DD VP
p R
L
+
p V
P
4V
DD
V
P +
2P
L
R
L
Where:
h
BTL +
p 2P
L
R
L
4V
DD
Therefore,
(4)
(5)


同様の部品番号 - TPA6204A1DRB

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6204A1DRB TI-TPA6204A1DRB Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRB TI1-TPA6204A1DRB Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
TPA6204A1DRBG4 TI-TPA6204A1DRBG4 Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRBG4 TI1-TPA6204A1DRBG4 Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
TPA6204A1DRBR TI-TPA6204A1DRBR Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA6204A1DRB

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_07 Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
SeCoS Halbleitertechnol...
SPEMA2004A SECOS-SPEMA2004A Datasheet
240Kb / 5P
   1.7W Mono Fully Differential Audio Power Amplifier
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com