データシートサーチシステム |
|
SD05T1G データシート(PDF) 2 Page - ON Semiconductor |
|
SD05T1G データシート(HTML) 2 Page - ON Semiconductor |
2 / 4 page SD05T1 Series, SZSD05T1 Series http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol Value Unit Peak Power Dissipation @ 20 ms (Note 1) @ TL ≤ 25°C Ppk 350 Watts IEC 61000−4−2 (ESD) Air Contact ±15 ±8.0 kV IEC 61000−4−4 (EFT) 40 A ESD Voltage (Human Body Model (HBM) Waveform per IEC 61000−4−2) VPP 30 kV Total Power Dissipation on FR−4 Board (Note 2) @ TA = 25°C Derate above 25 °C °PD° 300 2.4 °mW° mW/ °C Thermal Resistance, Junction−to−Ambient RqJA 416 °C/W Junction and Storage Temperature Range TJ, Tstg −55 to +150 °C Lead Solder Temperature − Maximum (10 Second Duration) TL 260 °C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. *Other voltages may be available upon request. 1. Nonrepetitive current pulse, per Figure 6. 2. FR−4 printed circuit board, single−sided copper, mounting pad 1 cm2. ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) Symbol Parameter IPP Maximum Reverse Peak Pulse Current VC Clamping Voltage @ IPP VRWM Working Peak Reverse Voltage IR Maximum Reverse Leakage Current @ VRWM VBR Breakdown Voltage @ IT IT Test Current IF Forward Current VF Forward Voltage @ IF Uni−Directional TVS IPP IF V I IR IT VRWM VC VBR VF ELECTRICAL CHARACTERISTICS Device VRWM (V) IR @ VRWM ( mA) VBR, Breakdown Voltage (V) IT mA VC @ IPP = 5 A (Note 3) (V) Max IPP (Note 3) (A) VC @ Max IPP (Note 3) (V) Max Capacitance (pF) Min Max VR = 0 V f = 1.0 MHz SD05T1G 5.0 10 6.2 7.3 1.0 9.8 24 14.5 350 SD12T1G 12 1.0 13.3 15.75 1.0 19 15 25 150 Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. 3. 8 × 20 ms pulse waveform. *Include SZ−prefix devices where applicable. |
同様の部品番号 - SD05T1G |
|
同様の説明 - SD05T1G |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |