データシートサーチシステム |
|
SMDJ11A データシート(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
SMDJ11A データシート(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
1 / 3 page FEATURES • For surface mounted applications in order to optimize board space • Low profile package • Built-in strain relief • Glass passivated junction • Low inductance • Excellent clamping capability • Repetition rate (duty cycle):0.01% • Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional types • Typical IR less than 1µA above 10V • High temperature soldering: 250°C/10 seconds at terminals • Plastic package has Underwriters Laboratory Flammability Classification 94 V-O MECHANICAL DATA Case: JEDEC DO214AB. Molded plastic over glass passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) Dimensions in inches and (millimeters) except Bidirectional Standard Packaging: 16mm tape (EIA STD RS-481) Weight: 0.007 ounces, 0.21 grams) Ratings at 25°C ambient temperature unless otherwise specified. RATING SYMBOL VALUE UNITS Peak Pulse Power Dissipation on 10/1000 µs waveform (NOTE 1, 2, Fig.1) IPPM SEE TABLE 1 Amps Superimposed on Rated Load, (JEDEC Method)(Note2, 3) Operatings and Storage Temperature Range TJ, TSTG -55 +150 °C NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 °C per Fig.2. 2. Mounted on 8.0mm x 8.0mm Copper Pads to each terminal. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum. IFSM 300 Amps Peak Forward Surge Current, 8.3ms Single Half Sine-wave P PPM Minimum 3000 Watts Peak Pulse Current of on 10/1000 µs waveform (Note 1,Fig 3) MAXIMUM RATINGS AND CHARACTERISTICS Electrical characteristics apply in both directions. For Bidirectional use C or CA Suffix for types SMDJ5.0 thru types SMDJ170 (e.g. SMDJ5.0C, SMDJ170CA) DEVICES FOR BIPOLAR APPLICATIONS SMDJ5.0 THRU SMDJ170CA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Stand-off Voltage: 5.0-170 Volts Peak pulse power: 3000 Watts www.shunyegroup.com.cn |
同様の部品番号 - SMDJ11A |
|
同様の説明 - SMDJ11A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |