データシートサーチシステム |
|
CS1210JPX7R9BB103 データシート(PDF) 5 Page - YAGEO Corporation |
|
CS1210JPX7R9BB103 データシート(HTML) 5 Page - YAGEO Corporation |
5 / 19 page 5 19 NPO & X7R Soft Termination 16V to 3KV Surface-Mount Ceramic Multilayer Capacitors Product specification www.yageo.com Jan. 26, 2017 V.3 Table 3 NPO / 0402 to 0805 CAPACITANCE RANGE & THICKNESS CAP. 0402 0603 0805 50V 100V 50V 100V 250V 50V 100V 250V 500V 630V 1000V 120 pF CA CA DA DA DA EA EA EA EA EA 150 pF CA CA DA DA DA EA EA EA EA EA 180 pF CA DA DA DA EA EA EA EA EA 220 pF CA DA DA DA EA EA EB EB EB 270 pF CA DA DA DA EA EA EB EB EB 330 pF CA DA DA DA EA EA EB EB EB 390 pF CA DA DA DA EA EA EB EB EB 470 pF CA DA DA DA EA EA EB EB EB 560 pF DA DA DA EA EA EB EC 680 pF DA DA DA EA EA EB EC 820 pF DA DA EA EA EB EC 1.0 nF DA DA EA EA EB EC 1.2 nF DA EB EB EC 1.5 nF DA EB EB EC 1.8 nF DA EB EB EC 2.2 nF DA EC EC EC 2.7 nF DA EC EC EC 3.3 nF DA EC EC EC 3.9 nF EC EC EC 4.7 nF EC EC EC 5.6 nF EC EC 6.8 nF EC EC 8.2 nF EC EC 10 nF EC EC Tape width 8 mm NOTE 1. Values in shaded cells indicate thickness class in mm 2. Capacitance value of non E-12 series is on request 3. For product with 2% tolerance, please contact local sales force before ordering |
同様の部品番号 - CS1210JPX7R9BB103 |
|
同様の説明 - CS1210JPX7R9BB103 |