データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54BS データシート(PDF) 2 Page - Weitron Technology

部品番号 BAT54BS
部品情報  SMALL SIGNAL SCHOTTKY DIODES 250mAMPERES 30 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEITRON [Weitron Technology]
ホームページ  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54BS データシート(HTML) 2 Page - Weitron Technology

  BAT54BS Datasheet HTML 1Page - Weitron Technology BAT54BS Datasheet HTML 2Page - Weitron Technology BAT54BS Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
DeviceMarking
Item
Marking
EqivalentCir cuitdiagram
2
1
BAT54BS
TU
2/3
13-Jun-2016
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25°C
PD
250
400
°C/W
4.0
mW
mW/°C
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
Thermal Resistance Junction to Ambient
T
RθJA
J
125 Max
°
C
Storage Temperature Range
Tstg
–55 to +150
°
C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
30
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
7.6
10
pF
Reverse Leakage (VR = 25 V)
IR
0.5
2.0
µ
Adc
Forward Voltage (IF = 0.1 mAdc)
VF
0.22
0.24
Vdc
Forward Voltage (IF = 30 mAdc)
VF
0.41
0.5
Vdc
Forward Voltage (IF = 100 mAdc)
VF
0.52
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
trr
5.0
ns
Forward Voltage (IF = 1.0 mAdc)
VF
0.29
0.32
Vdc
Forward Voltage (IF = 10 mAdc)
VF
0.35
0.40
Vdc
Forward Current (DC)
IF
200
mAdc
Repetitive Peak Forward Current
IFRM
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
600
mAdc
Note : 1.FR-5 = 1.0 x 0.75 x 0.062 in
BAT54BS


同様の部品番号 - BAT54BS

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
BAT54BDW RECTRON-BAT54BDW Datasheet
156Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
2021-04/01 REV: O
logo
Chenmko Enterprise Co. ...
BAT54BDWPT CHENMKO-BAT54BDWPT Datasheet
557Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
logo
Taiwan Semiconductor Co...
BAT54BR TSC-BAT54BR Datasheet
155Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
BAT54BR-G TSC-BAT54BR-G Datasheet
393Kb / 4P
   200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAT54BRW LUGUANG-BAT54BRW Datasheet
276Kb / 2P
   Surface Mount Schottky Barrier Diode Arrays
More results

同様の説明 - BAT54BS

メーカー部品番号データシート部品情報
logo
Weitron Technology
WSD520BS WEITRON-WSD520BS Datasheet
675Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
WSD551BS WEITRON-WSD551BS Datasheet
698Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Micro Commercial Compon...
BAS85 MCC-BAS85_12 Datasheet
396Kb / 3P
   200mW Small Signal Schottky Barrier Diodes 30 Volts
logo
Weitron Technology
WSD521BS WEITRON-WSD521BS Datasheet
669Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 100m AMPERES 30 VOLTS
logo
Micro Commercial Compon...
BAS85 MCC-BAS85 Datasheet
701Kb / 3P
   200mW Small Signal Schottky Barrier Diodes 30 Volts
logo
List of Unclassifed Man...
WSD551H ETC1-WSD551H Datasheet
250Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Rectron Semiconductor
BAT54WS RECTRON-BAT54WS Datasheet
154Kb / 3P
   Small-Signal Schottky Diodes VOLTAGE RANGE 30 Volts CURRENT 100 mAmpere
BAT60B RECTRON-BAT60B Datasheet
152Kb / 4P
   Small-Signal Schottky Diodes VOLTAGE RANGE 10 Volts
logo
Weitron Technology
WSD751BS WEITRON-WSD751BS Datasheet
782Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 30m AMPERES 40 VOLTS
logo
Micro Commercial Compon...
BAS86 MCC-BAS86 Datasheet
732Kb / 3P
   200mW Small Signal Schottky Barrier Diodes 50 Volts
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com