データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4448 データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 1N4448
部品情報  FAST SWITCHING SURFACE MOUNT DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4448 データシート(HTML) 1 Page - Pan Jit International Inc.

  1N4448_14 Datasheet HTML 1Page - Pan Jit International Inc. 1N4448_14 Datasheet HTML 2Page - Pan Jit International Inc. 1N4448_14 Datasheet HTML 3Page - Pan Jit International Inc. 1N4448_14 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
February 22,2014-REV.06
1N4448
FEATURES
• Fast switching Speed.
• Surface Mount Package Ideally Suited For Automatic Insertion.
• Silicon Epitaxal Planar Construction.
• Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
• Case : Molded Glass DO-35
• Terminals : Solderable per MIL-STD-750, Method 2026
• Approx. Weight : 0.13 grams
• Ordering information : Suffix : “ -35 ” to order DO-35 Package
• Packing information
B
- 2K per Bulk box
T/R - 10K per 15" plastic Reel
T/B - 5K per horiz. tape & Ammo box
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
FAST SWITCHING SURFACE MOUNT DIODES
VOLTAGE
100 Volt
POWER
500 mW
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100
PARAMETER
SYMBOL
VALUE
UNITS
Peak Reverse Voltage
VRM
100
V
Maximum DC Blocking Voltage
VDC
75
V
Maximum Average Forward Current at TA=25OC And f > 50Hz
IAV
150
mA
Surge Forward Current at t < 1s and TJ=25OC
IFSM
500
mA
Power Dissipation at TA= 25OC
PTOT
500
mW
Maximum Forward Voltage at IF=100mA
VF
1
V
Maximum Leakage Current
at VR=20V
at VR=20V ,TJ= 150OC
IR
25
50
nA
A
Maximum Capacitance at VF=VR=0
CJ
4
pF
Maximum Reverse Recovery Time From
IF =-IR =10mA to IRR=-1mA ,VR=6V RL=100
t
rr
4
ns
Typical Maximum Thermal Resistance
RJA
350
OC / W
Junction Temperature and Storage Temperature Range
TJ,TS
-65 to +175
OC
1
2
Cathode
Anode


同様の部品番号 - 1N4448_14

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N4448-1 MICROSEMI-1N4448-1 Datasheet
194Kb / 3P
   Computer Switching Diode
Rev. 1
logo
Micro Commercial Compon...
1N4448 MCC-1N4448_11 Datasheet
427Kb / 4P
   500mW 100Volt Switching Diode
logo
Vishay Siliconix
1N4448 VISHAY-1N4448_12 Datasheet
104Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.1, 17-Aug-10
logo
Micro Commercial Compon...
1N4448 MCC-1N4448_12 Datasheet
431Kb / 4P
   500mW 100Volt Switching Diode
logo
Rectron Semiconductor
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
More results

同様の説明 - 1N4448_14

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LS4448 PANJIT-LS4448_13 Datasheet
82Kb / 5P
   FAST SWITCHING SURFACE MOUNT DIODES
1N4150 PANJIT-1N4150_14 Datasheet
113Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Diode Semiconductor Kor...
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com