データシートサーチシステム |
|
SZNUP4301MR6 データシート(PDF) 2 Page - ON Semiconductor |
|
SZNUP4301MR6 データシート(HTML) 2 Page - ON Semiconductor |
2 / 4 page NUP4301MR6, SZNUP4301MR6 http://onsemi.com 2 MAXIMUM RATINGS (Each Diode) (TJ = 25°C unless otherwise noted) Rating Symbol Value Unit Reverse Voltage VR 70 Vdc Forward Current IF 200 mAdc Peak Forward Surge Current IFM(surge) 500 mAdc Repetitive Peak Reverse Voltage VRRM 70 V Average Rectified Forward Current (Note 1) (averaged over any 20 ms period) IF(AV) 715 mA Repetitive Peak Forward Current IFRM 450 mA Non−Repetitive Peak Forward Current t = 1.0 ms t = 1.0 ms t = 1.0 S IFSM 2.0 1.0 0.5 A Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. FR−5 = 1.0 0.75 0.062 in. THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Thermal Resistance, Junction−to−Ambient RqJA 556 °C/W Lead Solder Temperature, Maximum 10 Seconds Duration TL 260 °C Junction Temperature TJ −40 to +150 °C Storage Temperature Tstg −55 to +150 °C ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) (Each Diode) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Reverse Breakdown Voltage (I(BR) = 100 mA) V(BR) 70 − − Vdc Reverse Voltage Leakage Current (VR = 70 Vdc) (VR = 25 Vdc, TJ = 150°C) (VR = 70 Vdc, TJ = 150°C) IR − − − − − − 2.5 30 50 mAdc Capacitance (between I/O pins) (VR = 0 V, f = 1.0 MHz) CD − 0.8 1.5 pF Capacitance (between I/O pin and ground) (VR = 0 V, f = 1.0 MHz) CD − 1.6 3 pF Forward Voltage (IF = 1.0 mAdc) (IF = 10 mAdc) (IF = 50 mAdc) (IF = 150 mAdc) VF − − − − − − − − 715 855 1000 1250 mVdc Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. 2. Alumina = 0.4 0.3 0.024 in. 99.5% alumina. 3. Include SZ-prefix devices where applicable. |
同様の部品番号 - SZNUP4301MR6 |
|
同様の説明 - SZNUP4301MR6 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |