データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS1210MKX7RDBB103 データシート(PDF) 5 Page - YAGEO Corporation

部品番号 CS1210MKX7RDBB103
部品情報  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAGEO [YAGEO Corporation]
ホームページ  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS1210MKX7RDBB103 データシート(HTML) 5 Page - YAGEO Corporation

  CS1210MKX7RDBB103 Datasheet HTML 1Page - YAGEO Corporation CS1210MKX7RDBB103 Datasheet HTML 2Page - YAGEO Corporation CS1210MKX7RDBB103 Datasheet HTML 3Page - YAGEO Corporation CS1210MKX7RDBB103 Datasheet HTML 4Page - YAGEO Corporation CS1210MKX7RDBB103 Datasheet HTML 5Page - YAGEO Corporation CS1210MKX7RDBB103 Datasheet HTML 6Page - YAGEO Corporation CS1210MKX7RDBB103 Datasheet HTML 7Page - YAGEO Corporation CS1210MKX7RDBB103 Datasheet HTML 8Page - YAGEO Corporation CS1210MKX7RDBB103 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
Table 3 NPO / 0402 to 0805
CAPACITANCE RANGE & THICKNESS
CAP.
0402
0603
0805
50V
100V
50V
100V
250V
50V
100V
250V
500V
630V
1000V
120 pF
CA
CA
DA
DA
DA
EA
EA
EA
EA
EA
150 pF
CA
CA
DA
DA
DA
EA
EA
EA
EA
EA
180 pF
CA
DA
DA
DA
EA
EA
EA
EA
EA
220 pF
CA
DA
DA
DA
EA
EA
EB
EB
EB
270 pF
CA
DA
DA
DA
EA
EA
EB
EB
EB
330 pF
CA
DA
DA
DA
EA
EA
EB
EB
EB
390 pF
CA
DA
DA
DA
EA
EA
EB
EB
EB
470 pF
CA
DA
DA
DA
EA
EA
EB
EB
EB
560 pF
DA
DA
DA
EA
EA
EB
EC
680 pF
DA
DA
DA
EA
EA
EB
EC
820 pF
DA
DA
EA
EA
EB
EC
1.0 nF
DA
DA
EA
EA
EB
EC
1.2 nF
DA
EB
EB
EC
1.5 nF
DA
EB
EB
EC
1.8 nF
DA
EB
EB
EC
2.2 nF
DA
EC
EC
EC
2.7 nF
DA
EC
EC
EC
3.3 nF
DA
EC
EC
EC
3.9 nF
EC
EC
EC
4.7 nF
EC
EC
EC
5.6 nF
EC
EC
6.8 nF
EC
EC
8.2 nF
EC
EC
10 nF
EC
EC
Tape width
8 mm
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-12 series is on request
3. For product with 2% tolerance, please contact local sales force before ordering


同様の部品番号 - CS1210MKX7RDBB103

メーカー部品番号データシート部品情報
logo
Hammond Manufacturing L...
CS12104 HAMMOND-CS12104 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS12106 HAMMOND-CS12106 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
CIT Relay & Switch
CS1210F160 CIT-CS1210F160 Datasheet
108Kb / 1P
   CIT SWITCH
CS1210F260 CIT-CS1210F260 Datasheet
108Kb / 1P
   CIT SWITCH
logo
Transko Electronics, In...
CS1210J TRANSKO-CS1210J Datasheet
158Kb / 1P
   ULTRA MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.27 x 1.05 x 0.5mm)
Rev.0: Sep. 2019
More results

同様の説明 - CS1210MKX7RDBB103

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com