データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MN39242FT データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 MN39242FT
部品情報  CCD Area Image Sensor Diagonal 4.5 mm (type-1/4) 570k-pixel CCD Area Image Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN39242FT データシート(HTML) 1 Page - Panasonic Semiconductor

  MN39242FT Datasheet HTML 1Page - Panasonic Semiconductor MN39242FT Datasheet HTML 2Page - Panasonic Semiconductor MN39242FT Datasheet HTML 3Page - Panasonic Semiconductor MN39242FT Datasheet HTML 4Page - Panasonic Semiconductor MN39242FT Datasheet HTML 5Page - Panasonic Semiconductor MN39242FT Datasheet HTML 6Page - Panasonic Semiconductor MN39242FT Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CCD Area Image Sensor
1
Publication date: January 2003
SMD00009CEC
MN39242FT
Diagonal 4.5 mm (type-1/4) 570k-pixel CCD Area Image Sensor
■ Overview
The MN39242FT is a 4.5 mm (type-1/4) interline
transfer CCD (IT-CCD) solid state image sensor device.
This device uses photodiodes in the optoelectric con-
version section and CCDs for signal readout. The elec-
tronic shutter function has made an exposure time of 1/
10 000 seconds possible. Further, this device has the
features of high sensitivity, low noise, broad dynamic
range, and low smear.
This device has a total of 566 040 pixels (795 horizon-
tal
× 712 vertical) and provides stable and clear images
with a resolution of 480 horizontal TV-lines and 420 ver-
tical TV-lines.
Part Number
Size
System Color or B/W
MN39242FT 4.5 mm (type-1/4)
PAL
Color
■ Features
• Effective pixel number: 752 (horizontal) × 697 (vertical)
• High sensitivity
• Broad dynamic range
• Low smear
• Electronic shutter
■ Applications
• Camcorders
(Top View)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
φV4
φV3
φV2
φV1
NC
GND
VO
φH2
φH1
φR
PT
Sub
GND
VDD
■ Pin Assignments


同様の部品番号 - MN39242FT

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
MN39260F PANASONIC-MN39260F Datasheet
147Kb / 9P
   4.5 mm (type-1/4) 810k-pixel CCD Area Image Sensor
MN39260FH PANASONIC-MN39260FH Datasheet
147Kb / 9P
   4.5 mm (type-1/4) 810k-pixel CCD Area Image Sensor
More results

同様の説明 - MN39242FT

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
MN39116AT PANASONIC-MN39116AT Datasheet
141Kb / 8P
   Diagonal 4.5 mm (type-1/4) 270k-pixel CCD Area Image Sensor
MN39260F PANASONIC-MN39260F Datasheet
147Kb / 9P
   4.5 mm (type-1/4) 810k-pixel CCD Area Image Sensor
MN39160FH PANASONIC-MN39160FH Datasheet
147Kb / 9P
   4.5 mm (type-1/4) 680k-pixel CCD Area Image Sensor
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com