データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7927 データシート(PDF) 7 Page - Analog Devices

部品番号 AD7927
部品情報  8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7927 データシート(HTML) 7 Page - Analog Devices

Back Button AD7927 Datasheet HTML 3Page - Analog Devices AD7927 Datasheet HTML 4Page - Analog Devices AD7927 Datasheet HTML 5Page - Analog Devices AD7927 Datasheet HTML 6Page - Analog Devices AD7927 Datasheet HTML 7Page - Analog Devices AD7927 Datasheet HTML 8Page - Analog Devices AD7927 Datasheet HTML 9Page - Analog Devices AD7927 Datasheet HTML 10Page - Analog Devices AD7927 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
AD7927
–7–
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The end-
points of the transfer function are zero-scale, a point 1 LSB
below the first code transition, and full-scale, a point 1 LSB
above the last code transition.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (00 . . . 000) to
(00 . . . 001) from the ideal, i.e., AGND + 1 LSB.
Offset Error Match
This is the difference in offset error between any two channels.
Gain Error
This is the deviation of the last code transition (111 . . . 110) to
(111 . . . 111) from the ideal (i.e., REFIN – 1 LSB) after the
offset error has been adjusted out.
Gain Error Match
This is the difference in gain error between any two channels.
Zero Code Error
This applies when using the twos complement output coding
option, in particular to the 2
¥ REFIN input range with –REFIN
to +REFIN biased about the REFIN point. It is the deviation of
the midscale transition (all 0s to all 1s) from the ideal VIN volt-
age, i.e., REFIN – 1 LSB.
Zero Code Error Match
This is the difference in Zero Code Error between any two
channels.
Positive Gain Error
This applies when using the twos complement output coding
option, in particular to the 2
¥ REFIN input range with –REFIN
to +REFIN biased about the REFIN point. It is the deviation of
the last code transition (011. . .110) to (011 . . . 111) from the
ideal (i.e., +REFIN – 1 LSB) after the Zero Code Error has been
adjusted out.
Positive Gain Error Match
This is the difference in Positive Gain Error between any two
channels.
Negative Gain Error
This applies when using the twos complement output coding
option, in particular to the 2
¥ REFIN input range with –REF IN
to +REFIN biased about the REFIN point. It is the deviation of
the first code transition (100 . . . 000) to (100 . . . 001) from the
ideal (i.e., –REF IN + 1 LSB) after the Zero Code Error has
been adjusted out.
Negative Gain Error Match
This is the difference in Negative Gain Error between any two
channels.
Channel-to-Channel Isolation
Channel-to-Channel Isolation is a measure of the level of crosstalk
between channels. It is measured by applying a full-scale 400 kHz
sine wave signal to all seven nonselected input channels and deter-
mining how much that signal is attenuated in the selected channel
with a 50 kHz signal. The figure is given worst case across all
eight channels for the AD7927.
PSR (Power Supply Rejection)
Variations in power supply will affect the full-scale transition,
but not the converter’s linearity. Power supply rejection is the
maximum change in full-scale transition point due to a change
in power supply voltage from the nominal value. See Typical
Performance Characteristics.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns into track mode at the
end of conversion. Track-and-hold acquisition time is the time
required for the output of the track-and-hold amplifier to reach
its final value, within
±1 LSB, after the end of conversion.
Signal-to-(Noise + Distortion) Ratio
This is the measured ratio of signal-to-(noise + distortion) at the
output of the A/D converter. The signal is the rms amplitude of
the fundamental. Noise is the sum of all nonfundamental signals
up to half the sampling frequency (fS/2), excluding dc. The ratio
is dependent on the number of quantization levels in the digiti-
zation process; the more levels, the smaller the quantization
noise. The theoretical signal-to-(noise + distortion) ratio for an
ideal N-bit converter with a sine wave input is given by:
Signal to Noise
Distortion
N
dB
-- ()
( .
.
)
+=
+
602
176
Thus for a 12-bit converter, this is 74 dB.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the rms sum of
harmonics to the fundamental. For the AD7927, it is defined as:
THD dB
VVVVV
V
()
log
=
++++
20
2
2
3
2
4
2
5
2
6
2
1
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics.


同様の部品番号 - AD7927

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7927 AD-AD7927 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRU AD-AD7927BRU Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRU-REEL AD-AD7927BRU-REEL Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
More results

同様の説明 - AD7927

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com