データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1277 データシート(PDF) 4 Page - Microchip Technology

部品番号 TC1277
部品情報  3-Pin Reset Monitors for 3.3V Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1277 データシート(HTML) 4 Page - Microchip Technology

  TC1277 Datasheet HTML 1Page - Microchip Technology TC1277 Datasheet HTML 2Page - Microchip Technology TC1277 Datasheet HTML 3Page - Microchip Technology TC1277 Datasheet HTML 4Page - Microchip Technology TC1277 Datasheet HTML 5Page - Microchip Technology TC1277 Datasheet HTML 6Page - Microchip Technology TC1277 Datasheet HTML 7Page - Microchip Technology TC1277 Datasheet HTML 8Page - Microchip Technology TC1277 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC1275/TC1276/TC1277
DS21383B-page 4
© 2002 Microchip Technology Inc.
3.0
APPLICATIONS INFORMATION
3.1
Operation – Power Monitor
The TC1275/TC1276/TC1277 provide the function
of detecting out-of-tolerance power supply conditions
and warning a processor-based system of impending
power failure.
When VCC is detected as out-of-
tolerance, the RESET signal is asserted. On power-up,
RESET is kept active for approximately 200msec after
the power supply has reached the selected tolerance.
This allows the power supply and microprocessor to
stabilize before RESET is released.
FIGURE 3-1:
Timing Diagram – Power
Up (TC1275/TC1276)
FIGURE 3-2:
Timing Diagram – Power
Down (TC1275/TC1276)
FIGURE 3-3:
Timing Diagram –
Power Up (TC1277)
FIGURE 3-4:
Timing Diagram –
Power Down (TC1277)
VCCTP(MAX)
VCCTP(MIN)
tR
VCCTP
VCC
RESET
tRPU1
VOH
VCC
RESET
VCCTP(MAX)
VCCTP
VCCTP(MIN)
VOL
tRPD1
tF
tR
tRPU2
VOL
VCCTP
VCC
RESET
VCCTP(MAX)
VCCTP(MIN)
tF
tRPD2
VCC
VCCTP(MAX)
VOH
RESET
VCCTP
VCCTP(MIN)
RESET SLEWS WITH VCC


同様の部品番号 - TC1277

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1277-10ENB MICROCHIP-TC1277-10ENB Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1277-15ENB MICROCHIP-TC1277-15ENB Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1277-5ENB MICROCHIP-TC1277-5ENB Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
More results

同様の説明 - TC1277

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1275 MICROCHIP-TC1275_07 Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2003
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com