データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1408L7 データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 MC1408L7
部品情報  8-Bit D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

MC1408L7 データシート(HTML) 4 Page - National Semiconductor (TI)

  MC1408L7 Datasheet HTML 1Page - National Semiconductor (TI) MC1408L7 Datasheet HTML 2Page - National Semiconductor (TI) MC1408L7 Datasheet HTML 3Page - National Semiconductor (TI) MC1408L7 Datasheet HTML 4Page - National Semiconductor (TI) MC1408L7 Datasheet HTML 5Page - National Semiconductor (TI) MC1408L7 Datasheet HTML 6Page - National Semiconductor (TI) MC1408L7 Datasheet HTML 7Page - National Semiconductor (TI) MC1408L7 Datasheet HTML 8Page - National Semiconductor (TI) MC1408L7 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Performance Characteristics
VCC
5V VEE
b
15V TA
25 C unless otherwise noted
Logic Input Current vs
Input Voltage
Bit Transfer Characteristics
Logic Threshold Voltage vs
Temperature
Output Current vs Output
Voltage (Output Voltage
Compliance)
Output Voltage Compliance
vs Temperature
Typical Power Supply
Current vs Temperature
Typical Power Supply
Current vs VEE
Typical Power Supply
Current vs VCC
Reference Input
Frequency Response
Unless otherwise specified R14
R15
1kX C
15 pF pin 16 to
VEE RL
50X pin 4 to ground
Curve A
Large Signal Bandwidth
Method of
Figure 7 VREF
2 Vp-p
offset 1 V above ground
Curve B
Small Signal Bandwidth
Method of
Figure 7 RL
250X VREF
50 mVp-p offset 200 mV above
ground
Curve C
Large and Small Signal
Bandwidth Method of
Figure 9 (no op
amp RL
50X) RS
50X VREF
2V VS
100 mVp-p centered at 0V
TLH5687 5
4


同様の部品番号 - MC1408L7

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC1408L7 MOTOROLA-MC1408L7 Datasheet
674Kb / 12P
   EIGHT-BIT MULTIPLYING DIGITAL-TO-ANALOG CNOVERTER
More results

同様の説明 - MC1408L7

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DAC0807 NSC-DAC0807 Datasheet
222Kb / 10P
   8-Bit D/A Converters
logo
API Technologies Corp
MN5120 APITECH-MN5120 Datasheet
1Mb / 8P
   8-bit A/D Converters
logo
Texas Instruments
ADCS7476 TI1-ADCS7476 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit A/D Converters
logo
Integrated Circuit Syst...
MN5120 ICST-MN5120 Datasheet
1Mb / 8P
   8-bit A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
logo
Intersil Corporation
AD7523 INTERSIL-AD7523 Datasheet
99Kb / 9P
   8-Bit, Multiplying D/A Converters
August 1997
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
API Technologies Corp
MN3000 APITECH-MN3000 Datasheet
1Mb / 4P
   High-accuracy 8-bit D/A Converters
logo
List of Unclassifed Man...
MN5100 ETC1-MN5100 Datasheet
1Mb / 6P
   High-speed 8-bit A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com