データシートサーチシステム |
|
MC1408P6 データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
MC1408P6 データシート(HTML) 2 Page - National Semiconductor (TI) |
2 / 10 page Absolute Maximum Ratings (Note 1) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Power Supply Voltage VCC a 18 VDC VEE b 18 VDC Digital Input Voltage V5 – V12 b 10 VDC to a18 VDC Applied Output Voltage VO b 11 VDC to a18 VDC Reference Current I14 5mA Reference Amplifier Inputs V14 V15 VCC VEE Power Dissipation (Note 3) 1000 mW ESD Susceptibility (Note 4) TBD Storage Temperature Range b 65 Cto a150 C Lead Temp (Soldering 10 seconds) Dual-In-Line Package (Plastic) 260 C Dual-In-Line Package (Ceramic) 300 C Surface Mount Package Vapor Phase (60 seconds) 215 C Infrared (15 seconds) 220 C Operating Ratings Temperature Range TMIN s TA s TMAX DAC0808LC Series 0 sTA s a75 C Electrical Characteristics (VCC 5V VEE b 15 VDC VREF R14 2 mA DAC0808 TA b 55 Cto a125 C DAC0808C DAC0807C DAC0806C TA 0 Cto a75 C and all digital inputs at high logic level unless otherwise noted) Symbol Parameter Conditions Min Typ Max Units Er Relative Accuracy (Error Relative (Figure 4) % to Full Scale IO) DAC0808LC (LM1408-8) g 019 % DAC0807LC (LM1408-7) (Note 5) g 039 % DAC0806LC (LM1408-6) (Note 5) g 078 % Settling Time to Within LSB TA 25 C (Note 6) 150 ns (Includes tPLH) (Figure 5) tPLH tPHL Propagation Delay Time TA 25 C (Figure 5) 30 100 ns TCIO Output Full Scale Current Drift g 20 ppm C MSB Digital Input Logic Levels (Figure 3) VIH High Level Logic ‘‘1’’ 2 VDC VIL Low Level Logic ‘‘0’’ 08 VDC MSB Digital Input Current (Figure 3) High Level VIH 5V 0 0040 mA Low Level VIL 08V b 0003 b 08 mA I15 Reference Input Bias Current (Figure 3) b 1 b 3 m A Output Current Range (Figure 3) VEE b 5V 0 20 21 mA VEE b 15V TA 25 C 0 20 42 mA IO Output Current VREF 2000V R14 1000X (Figure 3) 19 199 21 mA Output Current All Bits Low (Figure 3) 04 m A Output Voltage Compliance (Note 2) Er s 019% TA 25 C VEE b5V IREF 1mA b 055 a04 VDC VEE Below b10V b 50 a04 VDC 2 |
同様の部品番号 - MC1408P6 |
|
同様の説明 - MC1408P6 |