データシートサーチシステム |
|
CS5521-AP データシート(PDF) 9 Page - Cirrus Logic |
|
CS5521-AP データシート(HTML) 9 Page - Cirrus Logic |
9 / 56 page CS5521/22/23/24/28 DS317F2 9 5 V DIGITAL CHARACTERISTICS (T A = 25° C; VA+, VD+ = 5 V ±5%; GND = 0; See Notes 2 and 18.)) Notes: 18. All measurements performed under static conditions. 19. Iout = -100 µA unless stated otherwise. (VOH = 2.4 V @ Iout = -40 µA.) 3 V DIGITAL CHARACTERISTICS (T A = 25° C; VA+ = 5 V ±5%; VD+ = 3.0 V ±10%; GND = 0; See Notes 2 and 18.) Parameter Symbol Min Typ Max Unit High-Level Input Voltage All Pins Except XIN and SCLK XIN SCLK VIH 0.6 VD+ (VD+)-0.5 (VD+) - 0.45 - - - - - - V V V Low-Level Input Voltage All Pins Except XIN and SCLK XIN SCLK VIL - - - - - - 0.8 1.5 0.6 V V V High-Level Output Voltage All Pins Except CPD and SDO (Note 19) CPD, Iout = -4.0 mA SDO, Iout = -5.0 mA VOH (VA+) - 1.0 (VD+) - 1.0 (VD+) - 1.0 - - - - - - V V V Low-Level Output Voltage All Pins Except CPD and SDO, Iout = 1.6 mA CPD, Iout = 2 mA SDO, Iout = 5.0 mA VOL - - - - - - 0.4 0.4 0.4 V V V Input Leakage Current Iin -±1 ±10 µA 3-State Leakage Current IOZ -- ±10 µA Digital Output Pin Capacitance Cout -9 - pF Parameter Symbol Min Typ Max Unit High-Level Input Voltage All Pins Except XIN and SCLK XIN SCLK VIH 0.6 VD+ (VD+)-0.5 (VD+) - 0.45 - - - - - - V V V Low-Level Input Voltage All Pins Except XIN and SCLK XIN SCLK VIL - - - - - - 0.16 VD+ 0.3 0.6 V V V High-Level Output Voltage All Pins Except CPD and SDO, Iout = -400 µA CPD, Iout = -4.0 mA SDO, Iout = -5.0 mA VOH (VA+) - 0.3 (VD+) - 1.0 (VD+) - 1.0 - - - - - - V V V Low-Level Output Voltage All Pins Except CPD and SDO, Iout = 400 µA CPD, Iout = 2 mA SDO, Iout = 5.0 mA VOL - - - - - - 0.3 0.4 0.4 V V V Input Leakage Current Iin -±1 ±10 µA 3-State Leakage Current IOZ -- ±10 µA Digital Output Pin Capacitance Cout -9 - pF |
同様の部品番号 - CS5521-AP |
|
同様の説明 - CS5521-AP |