データシートサーチシステム |
|
CX12LC データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
CX12LC データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page www.protekdevices.com 2 05017.R2 7/02 CX12 and CX12LC DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25°C INSTALLATION The CX12 series is designed with a female BNC type connector on both ends for easy installation. Disconnect the video or data line from the sensitive equipment. Insert the CX12 in the line near the AC power outlet of the equipment to be protected. Install a cable in between the CX12 and the equipment to be pro- tected. Attach a ground wire between the case of the CX12 and the equipment AC power ground, or to the coax shield as required. Peak Operating Line Voltage (V OP ) Operating Line Current (I O ) Maximum Transient Voltage Maximum Transient Current Maximum Leakage Current CX12 Frequency Responce -3 dB CX12LC Frequency Responce -3 dB Operating & Storage Temperature Response Time ±12 V 200mA 20kV 3000A (8/20µs) 5µA @ 30MHz @ 200MHz -40° to +85°C < 10 ns ELECTRICAL CHARACTERISTICS @ 25°C PROTEK PART NUMBER MAXIMUM CLAMPING VOLTAGE * Line-Ground 500A @ 8/20 ms V C VOLTS TYPICAL CAPACITANCE @ 0 V, 1 MHz C pF MAXIMUM LINE THRUPUT RESISTANCE R OHMS CX12 CX12LC 24 28 3 10 200 25 * Other Voltages Available Consult Factory EQUIPMENT 1.21” (30.73 mm) 1.10” (27.94 mm) 1.40” (35.56 mm) 1.10” (27.54 mm) 0.72” (18.29 mm) 0.15” (3.81mm) 2.25” (57.15 mm) 0.72” (18.29 mm) Frequency Responce CX12 Frequency Responce CX12LC |
同様の部品番号 - CX12LC |
|
同様の説明 - CX12LC |