データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5609MPX データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FAN5609MPX
部品情報  LED Driver with Adaptive Charge Pump DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5609MPX データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5609MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
FAN5609
PRODUCT SPECIFICATION
8
REV. 1.0.2 5/30/03
Typical Performance Characteristics
TA = 25°C, CIN =COUT = 4.7µF, CAP1 = CAP2 = 0.1µF, using Fairchild’s QTLP670C-IW Super Bright LED.
3.0
3.2
3.4
3.6
3.8
19.6
19.8
20.0
20.2
20.4
Regulated LED Current vs
LED Forward Voltage
LED Forward Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
20
40
60
80
100
120
140
160
180
Supply Current vs Input Voltage
(4 LEDs)
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Regulated LED Current vs Input Voltage
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.4
0.5
0.6
0.7
0.8
0.9
Efficiency vs Input Voltage
(4 LEDs x 20mA)
VIN(V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.0
1.2
1.4
1.6
1.8
2.0
2.2
DAC Threshold Voltage vs
Input Voltage
LED Forward Voltage (V)
0
5
10
15
20
25
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Shutdown Current vs Input Voltage
Input Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
A = 1, B = 1
A = 0, B = 1
A = 0, B = 1
A = 1, B = 0
A = 1, B = 0
A = 0, B = 0
A = 1, B = 1


同様の部品番号 - FAN5609MPX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP13X FAIRCHILD-FAN5601MP13X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP18X FAIRCHILD-FAN5601MP18X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

同様の説明 - FAN5609MPX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5607 FAIRCHILD-FAN5607 Datasheet
546Kb / 13P
   LED Driver with Adaptive Charge Pump DC/DC Converter
logo
Toshiba Semiconductor
TCA62735AFLG TOSHIBA-TCA62735AFLG Datasheet
523Kb / 18P
   Charge Pump type DC/DC Converter for White LED Driver
TB62733FTG TOSHIBA-TB62733FTG Datasheet
614Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Marktech Corporate
TCA62735AFLG MARKTECH-TCA62735AFLG Datasheet
375Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Toshiba Semiconductor
TCA62753FUG TOSHIBA-TCA62753FUG Datasheet
351Kb / 10P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com