データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BY296G データシート(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

部品番号 BY296G
部品情報  FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
ホームページ  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

BY296G データシート(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  BY296G_17 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. BY296G_17 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES BY296G THRU BY299G
2.0
1.6
1.2
0.8
0.4
0
0
25
50
75
100
125
150
175
70
60
50
40
30
20
0.6
0.8
1.0
1.2
1.4
1.5
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
0.01
0.1
1
20
10
TJ=25 C
1
10
100
200
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
TJ=25 C
PULSE WIDTH=300 µs
1%DUTY CYCLE
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
www.shunyegroup.com.cn


同様の部品番号 - BY296G_17

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
BY296G CHENDA-BY296G_V01 Datasheet
543Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

同様の説明 - BY296G_17

メーカー部品番号データシート部品情報
logo
Shanghai Shunye Electro...
FR101G SY-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301G HY-FR301G_1 Datasheet
86Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N4933G CTC-1N4933G Datasheet
46Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101SG HY-FR101SG Datasheet
89Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
1N4933G HY-1N4933G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
FR151G SHUNYE-FR151G_17 Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BA157G SHUNYE-BA157G_17 Datasheet
1,014Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101G HY-FR101G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com