データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES3AB-ES3GB データシート(PDF) 1 Page - Shunye Enterprise

部品番号 ES3AB-ES3GB
部品情報  SURFACE MOUNT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHUNYE [Shunye Enterprise]
ホームページ  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

ES3AB-ES3GB データシート(HTML) 1 Page - Shunye Enterprise

  ES3AB-ES3GB Datasheet HTML 1Page - Shunye Enterprise ES3AB-ES3GB Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.5± 0.15
1.25± 0.2
0.2± 0.05
5.3± 0.2
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO-214AA,molded plastic
Terminals: Solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.003 ounces, 0.093 gram
Mounting position: Any
Ratings at 25
 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
ES3CB
ES3DB ES3GB
Maximum recurrent peak reverse voltage
VRRM
150
200
400
V
Maximum RMS voltage
VRMS
105
140
280
V
Maximum DC blocking voltage
VDC
150
200
400
V
Maximum average forward rectified current
@TA=100
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
@TJ=125
Maximum instantaneous forward voltage at3.0 A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage
@TA=125
Typical reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
R θJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
0.95
1.25
DO-214AA(SMB)
UNITS
- 55 ---- + 150
ES3AB
ES3BB
50
100
A
100
IFSM
IR
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
A
ES3AB--- ES3GB
A
10
Easily cleaned with Alcohol,Isopropanol
and similar solvents
IF(AV)
3.0
SURFACE MOUNT RECTIFIERS
The plastic material carries U/L recognition 94V-0
100
50
70
2. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
45
35
40
500
VOLTAGE RANGE: 50 --- 400 V
CURRENT:
3.0 A
- 55 ---- + 150
35
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
3. Thermal resistance f rom junction to ambient and junction to lead P.C.B.mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
Dimensions in millimeters
www.shunyegroup.com.cn


同様の部品番号 - ES3AB-ES3GB

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ES3AB-13-F DIODES-ES3AB-13-F Datasheet
107Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
More results

同様の説明 - ES3AB-ES3GB

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com