データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7466205R データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7466205R
部品情報  REDCUBE SMD with internal blind-hole thread WP-SMBU
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7466205R データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7466205R Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466205R Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466205R Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466205R Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466205R Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate
Max. Ramp Down Rate
Profile Feature
Value
Preheat Temperature Min 1)
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
see table
Time within 5°C of actual peak temperaure
t p
20 - 30 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
Classification Reflow Soldering Profile:
1)
refer to IPC/JEDEC J-STD-020D
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm 1)
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Package Classification Reflow Temperature:
1)
refer to IPC/JEDEC J-STD-020D
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
WlW
DIN ISO 2768-1m
DESCRIPTION
REDCUBE SMD with internal
blind-hole thread WP-SMBU
ORDER CODE
7466205R
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.002
Valid
2017-05-12
eiCan
3/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 7466205R

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7466203 WURTH-7466203 Datasheet
423Kb / 4P
   WP-SMBU SMT Bush
1.0 2013-12-13
7466204 WURTH-7466204 Datasheet
429Kb / 4P
   WP-SMBU SMT Bush
1.0 2013-12-13
7466204R WURTH-7466204R Datasheet
395Kb / 5P
   REDCUBE SMD with internal blind-hole thread WP-SMBU
001.002
More results

同様の説明 - 7466205R

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7466204R WURTH-7466204R Datasheet
395Kb / 5P
   REDCUBE SMD with internal blind-hole thread WP-SMBU
001.002
7466005R WURTH-7466005R Datasheet
411Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
746600430R WURTH-746600430R Datasheet
391Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
7466004R WURTH-7466004R Datasheet
399Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
001.002
746600330R WURTH-746600330R Datasheet
390Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
7466105R WURTH-7466105R Datasheet
412Kb / 5P
   REDCUBE SMD with internal blindhole thread with Pin WP-SMBU
7466104R WURTH-7466104R Datasheet
396Kb / 5P
   REDCUBE SMD with internal blindhole thread with Pin WP-SMBU
001.002
74650074R WURTH-74650074R Datasheet
409Kb / 5P
   REDCUBE THR with internal through-hole thread WP-THRBU
74650094R WURTH-74650094R Datasheet
378Kb / 5P
   REDCUBE THR with internal through-hole thread WP-THRBU
74650073R WURTH-74650073R Datasheet
409Kb / 5P
   REDCUBE THR with internal through-hole thread WP-THRBU
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com