データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACEDC3904B データシート(PDF) 1 Page - ACE Technology Co., LTD.

部品番号 ACEDC3904B
部品情報  N-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACEDC3904B データシート(HTML) 1 Page - ACE Technology Co., LTD.

  ACEDC3904B Datasheet HTML 1Page - ACE Technology Co., LTD. ACEDC3904B Datasheet HTML 2Page - ACE Technology Co., LTD. ACEDC3904B Datasheet HTML 3Page - ACE Technology Co., LTD. ACEDC3904B Datasheet HTML 4Page - ACE Technology Co., LTD. ACEDC3904B Datasheet HTML 5Page - ACE Technology Co., LTD. ACEDC3904B Datasheet HTML 6Page - ACE Technology Co., LTD. ACEDC3904B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACEDC3904B
N-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
ACEDC3904B uses advanced trench technology and design to provide excellent RDS(on) with low
gate charge. It can be used in a wide variety of applications.
Features
VDS=30V , ID=50A
RDS(ON) @ VGS=10V, TYP 3.5mΩ
RDS(ON) @ VGS=4.5V , TYP 5mΩ
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous)*AC
TA=25℃
ID
50
A
TA=100℃
35
Drain Current (Pulsed)*B
IDM
100
A
Power Dissipation
TA=25℃
PD
23
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The value in any given application depends on the user's specific board
design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Packaging Type
PDFN3*3-8L
DFN3*3-8L


同様の部品番号 - ACEDC3904B

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACEDC6904B ACE-ACEDC6904B Datasheet
916Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

同様の説明 - ACEDC3904B

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com