データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5176PWPR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5176PWPR
部品情報  55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5176PWPR データシート(HTML) 11 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 7Page - Texas Instruments LM5176PWPR Datasheet HTML 8Page - Texas Instruments LM5176PWPR Datasheet HTML 9Page - Texas Instruments LM5176PWPR Datasheet HTML 10Page - Texas Instruments LM5176PWPR Datasheet HTML 11Page - Texas Instruments LM5176PWPR Datasheet HTML 12Page - Texas Instruments LM5176PWPR Datasheet HTML 13Page - Texas Instruments LM5176PWPR Datasheet HTML 14Page - Texas Instruments LM5176PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
IOUT
2 A/div
VOUT
500 mV/div
500 µs/div
IL
5 A/div
VOUT
1 V/div
1 ms/div
VIN
10 V/div
IOUT
2 A/div
VOUT
500 mV/div
500 µs/div
IOUT
2 A/div
VOUT
500 mV/div
500 µs/div
IL1
SW1
SW2
IL1
SW1
SW2
11
LM5176
www.ti.com
SNVSAI1 – JUNE 2017
Product Folder Links: LM5176
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise stated.
VOUT=12 V
VIN=13 V
Figure 13. Forced CCM Operation (Buck-Boost)
VOUT=12 V
VIN=24 V
Figure 14. Forced CCM Operation (Buck)
VIN=6 V
VOUT=12 V
Load 3A to 6A
Figure 15. Load Step (Boost)
VIN=12 V
VOUT=12 V
Load 3A to 6A
Figure 16. Load Step (Buck-Boost)
VIN=24 V
VOUT=12 V
Load 3A to 6A
Figure 17. Load Step (Buck)
VIN=8 V to 24 V
VOUT=12 V
IOUT=3A
Figure 18. Line Transient


同様の部品番号 - LM5176PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5176PWPR TI1-LM5176PWPR Datasheet
2Mb / 37P
[Old version datasheet]   55-V Wide VIN synchronous 4-switch buck-boost controller
More results

同様の説明 - LM5176PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
[Old version datasheet]   55-V Wide VIN synchronous 4-switch buck-boost controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
[Old version datasheet]   30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936-Q1 TI1-LM34936-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   30-V Wide VIN Synchronous Four-Switch Buck-Boost Controller
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
[Old version datasheet]   LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
LM5177 TI-LM5177 Datasheet
2Mb / 52P
[Old version datasheet]   LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
JUNE 2022
LM5177 TI-LM5177_V01 Datasheet
2Mb / 54P
[Old version datasheet]   LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com