データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCAN1042DQ1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TCAN1042DQ1
部品情報  Automotive Fault Protected CAN Transceiver with CAN FD
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042DQ1 データシート(HTML) 1 Page - Texas Instruments

  TCAN1042DQ1 Datasheet HTML 1Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 2Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 3Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 4Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 5Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 6Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 7Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 8Page - Texas Instruments TCAN1042DQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
6
7
TSD
UVP
Mode Select
4
8
Logic Output
TXD
STB
RXD
CANH
CANL
GND
5
NC or VIO
3
VCC
1
2
VCC or VIO
VCC or VIO
Dominant
time-out
VCC or VIO
WUP Monitor
MUX
Low Power Receiver
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
SLLSES9B – FEBRUARY 2016 – REVISED MAY 2017
TCAN1042-Q1 Automotive Fault Protected CAN Transceiver with CAN FD
1
1 Features
1
AEC Q100: Qualified for Automotive Applications
Device Temperature Grade 1: -40°C to 125°C
Ambient Operating Temperature
Device HBM Classification Level: ±16 kV
Device CDM Classification Level ±1500 V
Meets the ISO 11898-2:2016 and
ISO 11898-5:2007 Physical Layer Standards
'Turbo' CAN:
All Devices Support Classic CAN and 2 Mbps
CAN FD (Flexible Data Rate) and "G" Options
Support 5 Mbps
Short and Symmetrical Propagation Delay
Times and Fast Loop Times for Enhanced
Timing Margin
Higher Data Rates in Loaded CAN Networks
I/O Voltage Range Supports 3.3 V and 5 V MCUs
Ideal Passive Behavior When Unpowered
Bus and Logic Terminals are High Impedance
(no load)
Power Up/Down With Glitch Free Operation
On Bus and RXD Output
Protection Features
IEC ESD Protection up to ±15 kV
Bus Fault Protection: ±58 V (non-H variants)
and ±70 V (H variants)
Undervoltage Protection on VCC and VIO (V
variants only) Supply Terminals
Driver Dominant Time Out (TXD DTO) - Data
rates down to 10 kbps
Thermal Shutdown Protection (TSD)
Receiver Common Mode Input Voltage: ±30 V
Typical Loop Delay: 110 ns
Junction Temperatures from –55°C to 150°C
Available in SOIC(8) Package and Leadless
VSON(8) Package (3.0 mm x 3.0 mm) with
Improved Automated Optical Inspection (AOI)
Capability
2 Applications
Automotive and Transportation
All devices support highly loaded CAN networks
Heavy Machinery ISOBUS Applications –
ISO 11783
SAE J2284 High-Speed CAN for Automotive
Applications
GMW3122 Dual-Wire CAN Physical Layer
Meets requirements of SAE J2962, GIFT/ICT,
ISO16845
3 Description
This CAN transceiver family meets the ISO11898-2
(2016) High Speed CAN (Controller Area Network)
physical layer standard. All devices are designed for
use in CAN FD networks up to 2 Mbps (megabits per
second). Devices with part numbers that include the
"G" suffix are designed for data rates up to 5 Mbps,
and versions with the "V" have a secondary power
supply input for I/O level shifting the input pin
thresholds and RXD output level. This family has a
low power standby mode with remote wake request
feature.
Additionally,
all
devices
include
many
protection features to enhance device and network
robustness.
Device Information
ORDER NUMBER
PACKAGE
BODY SIZE
TCAN1042x-Q1
SOIC (8)
4.90 mm × 3.91 mm
VSON (8)
3.00 mm x 3.00 mm
Functional Block Diagram
A.
Terminal 5 function is device dependent;
NC on devices without the "V" suffix, and
VIO for I/O level shifting for devices with the
"V" suffix.
B.
RXD logic output is driven to VCC on
devices without the "V" suffix, and VIO for
devices with the "V" suffix.


同様の部品番号 - TCAN1042DQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1042DQ1 TI1-TCAN1042DQ1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
TCAN1042DQ1 TI1-TCAN1042DQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

同様の説明 - TCAN1042DQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com