データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCAN1042GDRBRQ1 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TCAN1042GDRBRQ1
部品情報  Automotive Fault Protected CAN Transceiver with CAN FD
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042GDRBRQ1 データシート(HTML) 6 Page - Texas Instruments

Back Button TCAN1042GDRBRQ1 Datasheet HTML 2Page - Texas Instruments TCAN1042GDRBRQ1 Datasheet HTML 3Page - Texas Instruments TCAN1042GDRBRQ1 Datasheet HTML 4Page - Texas Instruments TCAN1042GDRBRQ1 Datasheet HTML 5Page - Texas Instruments TCAN1042GDRBRQ1 Datasheet HTML 6Page - Texas Instruments TCAN1042GDRBRQ1 Datasheet HTML 7Page - Texas Instruments TCAN1042GDRBRQ1 Datasheet HTML 8Page - Texas Instruments TCAN1042GDRBRQ1 Datasheet HTML 9Page - Texas Instruments TCAN1042GDRBRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
SLLSES9B – FEBRUARY 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: TCAN1042-Q1 TCAN1042V-Q1 TCAN1042H-Q1 TCAN1042HV-Q1 TCAN1042G-Q1
TCAN1042GV-Q1 TCAN1042HG-Q1 TCAN1042HGV-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
ESD Ratings (continued)
TEST CONDITIONS
VALUE
UNIT
System Level Electro-Static Discharge (ESD)
CAN bus terminals
(CANH, CANL) to GND
SAE J2962-2 per ISO 10605:
Powered Air Discharge
±15000
V
SAE J2962-2 per ISO 10605:
Powered Contact Discharge
±8000
System Level Electro-Static Discharge (ESD)
CAN bus terminals
(CANH, CANL) to GND
IEC 61000-4-2: Unpowered
Contact Discharge
±14000
V
IEC 61000-4-2: Powered on
Contact Discharge
±8000
System Level Electrical fast transient (EFT)
CAN bus terminals
(CANH, CANL) to GND
IEC 61000-4-4: Criteria A
±4000
V
ISO7637-2 Transients according to GIFT - ICT CAN EMC test
specification(5)
CAN bus terminals
(CANH, CANL) to GND
Pulse 1
–100
V
Pulse 2
+75
Pulse 3a
–150
Pulse 3b
+100
ISO7637-3 Transients
CAN bus terminals
(CANH, CANL) to GND
Direct Coupling Capacitor "Slow
Transient Pulse" with 100 nF
coupling capacitor - Powered
±85


同様の部品番号 - TCAN1042GDRBRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1042GDRQ1 TI1-TCAN1042GDRQ1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
TCAN1042GDRQ1 TI1-TCAN1042GDRQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

同様の説明 - TCAN1042GDRBRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com