データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDA5457 データシート(PDF) 1 Page - Siemens Semiconductor Group

部品番号 SDA5457
部品情報  Video Text Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA5457 データシート(HTML) 1 Page - Siemens Semiconductor Group

  SDA5457 Datasheet HTML 1Page - Siemens Semiconductor Group SDA5457 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
s
http://www.siemens.de/semiconductor/consumer_electronic
TVText Plus
Product Brief
TVText Plus
SDA 545X
Video Text Controller
Features
s 8-Bit-Microcontroller
(8051-compatible) with up to
24 MHz (min. 250 ns)
s Videotext decoder and
on-screen-display-generator in
one chip.
s Display memory from
1 up to 10 pages
s Internal ROM from
16 Kbyte up to 64 Kbyte
s ROMless version with port to
external EPROM/SRAM
(max. 512 Kbyte)
s internal RAM 256 Byte + 1 Kbyte
XRAM (10-page-versions only)
s 4-Channel-ADC (8-Bit resolution)
s 6-Channel-PWM
(8-Bit resolution)
s 2-Channel-PWM
(14-Bit resolution)
s 2 Timers, 1 Watchdog- Timer +
1 dedicated IR-Timer
s CLUT with 8 FG/8 BG out of
64 colors
s 56 Characters per Line
for 16:9 CRTs
Software Support
s Worldwide tested Firmeware-
Modules for data acquisition and
infrared detection
s Display editor for easy OSD
programming and font definition
s Electronic Program Guide
provided by Tara Systems
(Now & Next, this channel)
s Various Character Sets
available
Hardware Support
s Various Emulators (supported
by Kleinhenz, Dr. Krohn & Stiller,
Hitex)
s Demonstration board
with remote control and
Demo-Software
s OTP-version for development,
ramp-up and peak-production
Potential Application
The TVText Plus Family offers a
flexible and cost effective solution for
low end up to mid range TV sets
Sales Code
Internal
ROM
External
ROM
Number of
Pages
XRAM
SDA 5450
512 Kb
10
1 Kb
SDA 5451
16 Kb
1
SDA 5452
24 Kb
1
SDA 5453
32 Kb
1
SDA 5454
40 Kb
10
1 Kb
SDA 5455
48 Kb
10
1 Kb
SDA 5456
56 Kb
10
1 Kb
SDA 5457
64 Kb
10
1 Kb
SDA 545X OTP
64 Kb OTP –
10
1 Kb


同様の部品番号 - SDA5457

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
SDA5000 SSDI-SDA5000 Datasheet
205Kb / 2P
   5 AMP RECITIFIER ASSEMBLY
SDA5000 SSDI-SDA5000 Datasheet
105Kb / 2P
   STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA5000 SSDI-SDA5000 Datasheet
110Kb / 2P
   HIGH VOLTAGE RECTIFIER
SDA5000F SSDI-SDA5000F Datasheet
55Kb / 2P
   0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
SDA5000HF SSDI-SDA5000HF Datasheet
110Kb / 2P
   HIGH VOLTAGE RECTIFIER
More results

同様の説明 - SDA5457

メーカー部品番号データシート部品情報
logo
RAIO Technology Inc.
RA8803 RAIO-RA8803 Datasheet
102Kb / 8P
   Two Layers Text/Graphic LCD Controller Specification
logo
List of Unclassifed Man...
TMS9927 ETC-TMS9927 Datasheet
363Kb / 5P
   VIDEO TIMER / CONTROLLER
logo
Intel Corporation
82731 INTEL-82731 Datasheet
1Mb / 19P
   VIDEO INTERFACE CONTROLLER
logo
List of Unclassifed Man...
T108 ETC2-T108 Datasheet
1Mb / 89P
   Video Display Controller
logo
Winbond
W9970CF WINBOND-W9970CF Datasheet
219Kb / 6P
   VIDEO GRAPHICS CONTROLLER
logo
PANDUIT CORP.
LCAXN750-12-3 PANDUIT-LCAXN750-12-3 Datasheet
102Kb / 1P
   Text Search LCAXN750-12-3
logo
Sanyo Semicon Device
LC89170M SANYO-LC89170M Datasheet
97Kb / 8P
   CD Player Text Data IC
logo
List of Unclassifed Man...
SE401 ETC-SE401 Datasheet
146Kb / 2P
   USB Video Image Controller
logo
YAMAHA CORPORATION
YGV629 YAMAHA-YGV629 Datasheet
886Kb / 26P
   VC1 Video Controller 1
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com