データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMB12J データシート(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

部品番号 KMB12J
部品情報  Surface Mount Schottky Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
ホームページ  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KMB12J データシート(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KMB12J Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KMB12J Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. KMB12J Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Schottky Barrier Die Construction
Low Forward Voltage Drop
Low Leakage Current
High Forward Surge Capability
Designed for Surface Mount Application
Plastic Material - UL Flammability 94V -O
Case: SOF2-4 Molded Plastic
Terminals: Solder plated, Solderable per
J-STD-002B and JESD22-B102D
Polarity: As Marked on body
Marking: Type Number
Lead Free: For ROHS/Leadfree Version
IF(AV)
1.0 A
VRRM
20 V to 200 V
IFSM
25 A
IR
500 μA
VF
0.55,0.70,0.85,0.95 V
Tj max.
125 °C
Maximum Ratings & Thermal Characteristics(T
A = 25 °C unless otherwise noted)
Single Phase,half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%.
VRRM
20
40
60
80
100
150
200
V
VRMS
14
28
42
56
70
105
140
V
VDC
20
40
60
80
100
150
200
V
IF(AV)
A
TJ, TSTG
1):Mounted on glass epoxy P.C.B with 1.2×1.5mm
2 pads。
Electrical Characteristics(T
A = 25 °C unless otherwise noted)
VF
2):Pulse test: 300μS pulse width,1% duty cycle.
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1.0
1)
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
IFSM
25
A
Operating junction and storage temperature range
–55 to +125
Symbol
UNIT
Test conditions
Items
Instantaneous forward voltage
IF=1.0A
2)
IR
0.5
10
Symbol
Items
mA
TA = 100℃
Reverse current
TA = 25 ℃
Mechanical Date
Major Ratings and Characteristics
http://www.trr-jx.com
Surface Mount Schottky Bridge Rectifiers
KMB12J~KMB120J
SOF2-4J
KMB
12J
KMB
14J
KMB
16J
KMB
18J
KMB
100J
KMB
150J
KMB
120J
KMB
12J
KMB
14J
KMB
16J
KMB
18J
KMB
100J
KMB
150J
KMB
120J
0.70
0.95
V
0.55
0.85


同様の部品番号 - KMB12J

メーカー部品番号データシート部品情報
logo
Guangdong Juxing Electr...
KMB12J JUXING-KMB12J Datasheet
957Kb / 3P
   Surface Mount Schottky Bridge Rectifiers
KMB12J JUXING-KMB12J_V01 Datasheet
957Kb / 3P
   Surface Mount Schottky Bridge Rectifiers
More results

同様の説明 - KMB12J

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S_07 Datasheet
115Kb / 2P
   Surface Mount Schottky-Bridge-Rectifiers
logo
Shanghai Leiditech Elec...
KMB12F-S LEIDITECH-KMB12F-S Datasheet
706Kb / 3P
   Surface Mount Schottky Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
TB14F-PJ PJSEMI-TB14F-PJ Datasheet
453Kb / 3P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
MB14F-PJ PJSEMI-MB14F-PJ Datasheet
253Kb / 3P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KMB12F JUXING-KMB12F_V01 Datasheet
1Mb / 2P
   Surface Mount Schottky Bridge Rectifiers
KMB22F JUXING-KMB22F_V01 Datasheet
951Kb / 2P
   Surface Mount Schottky Bridge Rectifiers
logo
Bruckewell Technology L...
MB12S BWTECH-MB12S_15 Datasheet
443Kb / 4P
   Surface Mount Schottky Bridge Rectifiers
MB22S BWTECH-MB22S Datasheet
346Kb / 4P
   Surface Mount Schottky Bridge Rectifiers
logo
Guangdong Juxing Electr...
KMB12J JUXING-KMB12J_V01 Datasheet
957Kb / 3P
   Surface Mount Schottky Bridge Rectifiers
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S Datasheet
143Kb / 2P
   Surface Mount Schottky-Bridge Rectifiers
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com