データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54A-200MA-SOT-23 データシート(PDF) 1 Page - Nanjing International Group Co

部品番号 BAT54A-200MA-SOT-23
部品情報  SOT-23 Plastic-Encapsulate Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DGNJDZ [Nanjing International Group Co]
ホームページ  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAT54A-200MA-SOT-23 データシート(HTML) 1 Page - Nanjing International Group Co

  BAT54A-200MA-SOT-23 Datasheet HTML 1Page - Nanjing International Group Co BAT54A-200MA-SOT-23 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-23 Plastic-Encapsulate Diodes
BAT54/A/C/S
SCHOTTKY BARRIER DIODE
FEATURES
Extremely Fast Switching Speed
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current
IFM
200
mA
Non-repetitive Peak Forward Surge Current @ t<1s
IFSM
600
mA
Repetitive Peak Forward Current @ t≤1s,δ≤0.5
IFRM
300
mA
Power Dissipation
PD
200
mW
Thermal Resistance from Junction to Ambient
RΘJA
500
℃/W
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Reverse voltage
V(BR)
30
V
IR=100μA
Forward voltage
VF
0.24
V
IF1=0.1mA
0.32
V
IF2=1mA
0.40
V
IF3=10mA
0.50
V
IF4=30mA
1
V
IF5=100mA
Reverse current
IR
2
μA
VR=25V
Diode capacitance
CD
10
pF
VR=1V,f=1MHz
Reverse recovery time
trr
5
ns
IF=IR=10mA
Irr=0.1×IR,RL=100Ω
SOT-23
C,Mar,2014
DONGGUAN NANJING ELECTRONICS LTD.,


同様の部品番号 - BAT54A-200MA-SOT-23

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAT54A-13-F DIODES-BAT54A-13-F Datasheet
278Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT54A-7 DIODES-BAT54A-7 Datasheet
68Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 12 - 2
BAT54A-7-F DIODES-BAT54A-7-F Datasheet
262Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 21 - 2
BAT54A-7-F DIODES-BAT54A-7-F Datasheet
95Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 25 - 2
BAT54A-7-F DIODES-BAT54A-7-F Datasheet
278Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

同様の説明 - BAT54A-200MA-SOT-23

メーカー部品番号データシート部品情報
logo
Jiangsu High diode Semi...
DAN202 HDSEMI-DAN202 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C3V3 MAKOSEMI-BZX84C3V3 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAS19 HDSEMI-BAS19 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
BAV23A HDSEMI-BAV23A Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS187 KISEMICONDUCTOR-1SS187 Datasheet
69Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
1SS193 TGS-1SS193 Datasheet
393Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148 WILLAS-MMBD4148 Datasheet
394Kb / 3P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS181 KISEMICONDUCTOR-1SS181 Datasheet
60Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
1SS193 KISEMICONDUCTOR-1SS193 Datasheet
77Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Microdiode Electronics ...
MMBD4148A CHENDA-MMBD4148A Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com