データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XZMOLA143S データシート(PDF) 1 Page - SunLED Corporation

部品番号 XZMOLA143S
部品情報  White SMD package with silicone resin
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNLED [SunLED Corporation]
ホームページ  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMOLA143S データシート(HTML) 1 Page - SunLED Corporation

  XZMOLA143S Datasheet HTML 1Page - SunLED Corporation XZMOLA143S Datasheet HTML 2Page - SunLED Corporation XZMOLA143S Datasheet HTML 3Page - SunLED Corporation XZMOLA143S Datasheet HTML 4Page - SunLED Corporation XZMOLA143S Datasheet HTML 5Page - SunLED Corporation XZMOLA143S Datasheet HTML 6Page - SunLED Corporation XZMOLA143S Datasheet HTML 7Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Part Number: XZMOLA143S
Sep 16, 2016
XDSB7605
V2-Z Layout: Maggie L.
P. 1/7
5.6mm x 3.0mm SURFACE MOUNT LED LAMP
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Typical Applications
Entertainment and accent lighting
Architectural lighting
Ideal substitute for halogen and florescent lighting
Automotive interior and exterior lighting
Specialty lighting (Markers, Beacon, Pathway)
Features
5.6mm x 3.0mm x 0.77mm SMD LED
IR-reflow compatible
Standard Package: 2,000pcs / Reel
White SMD package with silicone resin
MSL (Moisture Sensitivity Level): 2a
RoHS compliant
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
Package Schematics


同様の部品番号 - XZMOLA143S

メーカー部品番号データシート部品情報
logo
SunLED Corporation
XZMOLA109FS SUNLED-XZMOLA109FS Datasheet
371Kb / 6P
   IR-reflow compatible
More results

同様の説明 - XZMOLA143S

メーカー部品番号データシート部品情報
logo
SunLED Corporation
XZMYLA143S SUNLED-XZMYLA143S Datasheet
341Kb / 7P
   White SMD package with silicone resin
XZMDH160S SUNLED-XZMDH160S Datasheet
370Kb / 9P
   White ceramic package with silicone resin
logo
OSRAM GmbH
LTRBR8SR-8A7B-0117 OSRAM-LTRBR8SR-8A7B-0117 Datasheet
796Kb / 25P
   SMD package with silicone resin
KRBTQDLP61.3A OSRAM-KRBTQDLP61.3A Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-RASR OSRAM-LTRB-RASR Datasheet
1Mb / 23P
   SMD package with silicone resin
logo
SunLED Corporation
XZDG10X160S SUNLED-XZDG10X160S Datasheet
376Kb / 9P
   White ceramic package with silicone resin
logo
OSRAM GmbH
LTRBR8SF-8A7B-0117 OSRAM-LTRBR8SF-8A7B-0117 Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRB-R8SR OSRAM-LTRB-R8SR Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-R8SF OSRAM-LTRB-R8SF Datasheet
1Mb / 21P
   SMD package with silicone resin
logo
SunLED Corporation
XZCB14X160S SUNLED-XZCB14X160S Datasheet
371Kb / 9P
   White ceramic package with silicone resin
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com