データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC2934 データシート(PDF) 3 Page - Texas Instruments

部品番号 TLC2934
部品情報  3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLC2934 データシート(HTML) 3 Page - Texas Instruments

  TLC2934 Datasheet HTML 1Page - Texas Instruments TLC2934 Datasheet HTML 2Page - Texas Instruments TLC2934 Datasheet HTML 3Page - Texas Instruments TLC2934 Datasheet HTML 4Page - Texas Instruments TLC2934 Datasheet HTML 5Page - Texas Instruments TLC2934 Datasheet HTML 6Page - Texas Instruments TLC2934 Datasheet HTML 7Page - Texas Instruments TLC2934 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLC2934
3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
SLAS306 – NOVEMBER 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
TYP
MAX
UNIT
Supply voltage (each supply, VDD (see Notes 3 and 4)
3.15
3.3
3.45
V
Input voltage (each input except for VCO IN, VI
0
VDD
V
Output current (each output), IO
0
±2
mA
VCO control voltage, VCO IN
0.5
VDD
V
RBIAS = 1 kΩ
36
130
MHz
Lock frequency (through output)
RBIAS = 1.8 kΩ
28
90
Lock frequency (through output)
RBIAS = 2.4 kΩ
26
80
RBIAS = 3.3 kΩ
20
60
RBIAS = 1 kΩ
18
65
MHz
Lock frequency (1/2 output)
RBIAS = 1.8 kΩ
14
45
Lock frequency (1/2 output)
RBIAS = 2.4 kΩ
13
40
RBIAS = 3.3 kΩ
10
30
Bias resistor, RBIAS
1.0
3.3
K
Operating temperature range, TA
–20
75
_C
VCO IN voltage at VCO INHIBIT↓, V(CINH) (see Note 5)
0
0.5
V
NOTES:
3. It is recommended that the logic supply terminal (LOGIC VDD) and the VCO supply terminal (VCO VDD) be at the same voltage and
separated from each other.
4. A bypass capacitor is placed as close as possible to each supply terminal.
5. For stable restart of VCO, VCOIN is 0 V when VCO INHIBIT is pulled down to GND level to disable the VCO INHIBIT function. And
also, VCO IN should be 0 V when the operation will be started by supplying the power.
electrical characteristics over recommended operating free-air temperature range, VDD=3.3 V
(unless otherwise noted)
VCO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –2 mA
3.1
V
VOL
Low-level output voltage
IOL= 2 mA
0.2
V
VIH
High-level input voltage
Logic signal input
2.3
V
VIL
Low-level input voltage
Logic signal input
1.0
V
II
Input current at TEST, VCO INHIBIT
VI = VDD or GND
±1
µA
ZV(CO IN)
Input impedance at VCOIN
VCOIN = 1/2 VDD
10
M
IDD(INH)
VCO supply current (inhibit)
See Note 6
0.01
1
µA
IDD(VCO)
VCO supply current
See Note 7
10
15
mA
NOTES:
6. Current into VCO VDD, when VCO INHIBIT = VDD, PFD is inhibited.
7. Current into VCO VDD, when VCOIN = 1/2 VDD, RBIAS = 1 kΩ, VCO INHIBIT = GND, PFD is inhibited.


同様の部品番号 - TLC2934

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2934 TI-TLC2934 Datasheet
442Kb / 10P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
TLC2934IPW TI-TLC2934IPW Datasheet
442Kb / 10P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
TLC2934IPWG4 TI-TLC2934IPWG4 Datasheet
442Kb / 10P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
TLC2934IPWR TI-TLC2934IPWR Datasheet
442Kb / 10P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
More results

同様の説明 - TLC2934

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2934IPW TI-TLC2934IPW Datasheet
442Kb / 10P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
logo
Motorola, Inc
MC12040 MOTOROLA-MC12040 Datasheet
68Kb / 5P
   Phase-Frequency Detector
logo
ON Semiconductor
MCK1214 ONSEMI-MCK1214 Datasheet
49Kb / 4P
   Phase-Frequency Detector
April, 2004 ??Rev. 7
MCH12140 ONSEMI-MCH12140_06 Datasheet
130Kb / 5P
   Phase-Frequency Detector
July, 2006 ??Rev. 9
logo
Agere Systems
LUCDA4044 AGERE-LUCDA4044 Datasheet
210Kb / 6P
   Phase Frequency Detector
logo
Motorola, Inc
MC4344 MOTOROLA-MC4344 Datasheet
1Mb / 18P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML12040 LANSDALE-ML12040 Datasheet
86Kb / 1P
   PHASE FREQUENCY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com