データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE6208-6 データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 TLE6208-6
部品情報  Hex-Half-Bridge / Double Six-Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6208-6 データシート(HTML) 3 Page - Infineon Technologies AG

  TLE6208-6 Datasheet HTML 1Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 2Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 3Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 4Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 5Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 6Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 7Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 8Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TLE 6208-6 G
Data Sheet
3
2001-11-15
1.3
Pin Definitions and Functions
Pin No.
Symbol
Function
1OUTL5
Low-Side-Output 5; Power-MOS open drain with internal
reverse diode;
no internal clamp diode or active zenering;
short circuit protected and open load controlled.
2
OUTH5
High-Side-Output 5; Power-MOS open source with internal
reverse diode;
no internal clamp diode or active zenering;
short circuit protected and open load controlled.
3
OUTH4
High-Side-Output 4; see pin2.
4OUTL4
Low-Side-Output 4; see pin1.
5
V
S
Power supply; external connection to pin 10 necessary;
needs a blocking capacitor as close as possible to GND Value:
22
µF electrolytic in parallel to 220 nF ceramic.
6, 7, 8, 9 GND
Ground; Reference potential; internal connection to pin 20, 21,
22 and 23;
cooling tab; to reduce thermal resistance; place cooling areas on
PCB close to this pins.
10
V
S
Power Supply; see pin 5.
11
OUTL3
Low-Side-Output 3; see pin1.
12
OUTH3
High-Side-Output 3; see pin2.
13
OUTH2
High-Side-Output 2; see pin2.
14
OUTL2
Low-Side-Output 2; see pin1.
15
OUTH1
High-Side-Output 1; see pin2.
16
OUTL1
Low-Side-Output 1; see pin1.
17
INH
Inhibit input; has an internal pull down;
device is switched in standby condition by pulling the INH
terminal low.
18
DO
Serial-Data-Output; this 3-state output transfers diagnosis data
to the control device; the output will remain 3-stated unless the
device is selected by a low on Chip-Select-Not (CSN); see
Table 2 for Diagnosis protocol.
19
V
CC
Logic supply voltage; needs a blocking capacitor as close as
possible to GND;
Value: 10
µF electrolytic in parallel to 220 nF ceramic.


同様の部品番号 - TLE6208-6

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE6208-6G INFINEON-TLE6208-6G Datasheet
709Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2007-09-12
TLE6208-6G INFINEON-TLE6208-6G Datasheet
640Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2013-10-17
TLE6208-6G INFINEON-TLE6208-6G_07 Datasheet
709Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2007-09-12
TLE6208-6G INFINEON-TLE6208-6G_13 Datasheet
640Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2013-10-17
More results

同様の説明 - TLE6208-6

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE6208-6G INFINEON-TLE6208-6G_07 Datasheet
709Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2007-09-12
TLE6208-6G INFINEON-TLE6208-6G_13 Datasheet
640Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2013-10-17
logo
ON Semiconductor
NCV7718B ONSEMI-NCV7718B Datasheet
250Kb / 27P
   Hex Half-Bridge Driver
August, 2014 ??Rev. 0
NCV7718 ONSEMI-NCV7718 Datasheet
331Kb / 27P
   Hex Half-Bridge Driver
September, 2012 ??Rev. 0
NCV7718 ONSEMI-NCV7718_18 Datasheet
282Kb / 27P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 3
NCV7718B ONSEMI-NCV7718B_18 Datasheet
276Kb / 28P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 2
NCV7728 ONSEMI-NCV7728 Datasheet
273Kb / 27P
   Hex Half-Bridge Driver
March, 2014 ??Rev. 1
NCV7728 ONSEMI-NCV7728_18 Datasheet
283Kb / 27P
   Hex Half-Bridge Driver
May, 2018 ??Rev. 6
NCV7723B ONSEMI-NCV7723B Datasheet
281Kb / 25P
   Hex Half-Bridge Driver
February, 2020 ??Rev. 1
logo
Infineon Technologies A...
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
   Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com