データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XZTNI53W データシート(PDF) 1 Page - SunLED Corporation

部品番号 XZTNI53W
部品情報  Long life and robust package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNLED [SunLED Corporation]
ホームページ  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZTNI53W データシート(HTML) 1 Page - SunLED Corporation

  XZTNI53W Datasheet HTML 1Page - SunLED Corporation XZTNI53W Datasheet HTML 2Page - SunLED Corporation XZTNI53W Datasheet HTML 3Page - SunLED Corporation XZTNI53W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
May 17,2016
XDSA1792 V9-X Layout: Maggie L.
P. 1/4
Part Number: XZTNI53W
1.6X0.8mm INFRARED EMITTING DIODE
Features
● Long life and robust package
● Standard Package: 2,000pcs/ Reel
● MSL (Moisture Sensitivity Level): 3
● RoHS compliant
Package Schematics
Absolute Maximum Ratings
(TA=25°C)
TNI
(GaAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Forward Current (Peak)
1/100 Duty Cycle
10us Pulse Width
iFS
1200
mA
Power Dissipation
PD
80
mW
Operating Temperature
TA
-40 ~ +85
°
C
Storage Temperature
Tstg
-40 ~ +85
TNI
(GaAs)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
1.6
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007*(Typ.)
(IF=20mA)
λP
940*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
λ
50
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
90
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Material
Lens-color
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2θ 1/2
min.
typ.
XZTNI53W
GaAs
Water Clear
1.2
0.8*
2.8
1.8*
940*
150°
Radiant Intensity
CIE127-2007*
(Po=mW/sr)
@20mA
*Radiant Intensity value and wavelength are in accordance with CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


同様の部品番号 - XZTNI53W

メーカー部品番号データシート部品情報
logo
SunLED Corporation
XZTNI53W-1 SUNLED-XZTNI53W-1 Datasheet
222Kb / 4P
   Long life and robust package
XZTNI53W-8 SUNLED-XZTNI53W-8 Datasheet
244Kb / 4P
   Long life and robust package
More results

同様の説明 - XZTNI53W

メーカー部品番号データシート部品情報
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
XZMER68W-3 SUNLED-XZMER68W-3 Datasheet
237Kb / 4P
   Long life and robust package
XZMOK56W SUNLED-XZMOK56W Datasheet
263Kb / 4P
   Long life and robust package
XZMYF151W SUNLED-XZMYF151W Datasheet
225Kb / 4P
   Long life and robust package
XZMOK81FS SUNLED-XZMOK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZCBD53W-6 SUNLED-XZCBD53W-6 Datasheet
261Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com