データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T350E336K006AT データシート(PDF) 1 Page - Kemet Corporation

部品番号 T350E336K006AT
部品情報  Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 33 uF, /-10% Tol, 6.3 V, Lead Spacing=2.54 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

T350E336K006AT データシート(HTML) 1 Page - Kemet Corporation

  T350E336K006AT Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 3/19/2016 - 4a899339-4966-4541-9788-863f4c08dce9
KEMET Part Number: T350E336K006AT
Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 33 uF, +/-10% Tol, 6.3 V, Lead Spacing=2.54 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
D
5.5
H
8.9
F
0.5
+/-0.05
S
2.54
+/-0.38
LL
12.7
+/-1.26
Packaging Specifications
Package Kind: Bulk
Package Type: Bag
Package Quantity: 1000
General Information
Supplier: KEMET
Application: General Purpose
Part Type Description: General Purpose Radial
Conformal (Dipped)
Body Type: Radial Conformal
Termination Type: Tin (Sn)
RoHS: Yes
Specifications
Capacitance: 33 uF
Tolerance: +/-10%
Voltage: 6.3 V (85C)
Voltage: 5 VDC (125C Surge)
Voltage: 0.063 V (125C Reverse)
Temperature Range: -55/+125C
Leakage Current: 1.6 uA
Dissipation Factor: 6%
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


同様の部品番号 - T350E336K006AT

メーカー部品番号データシート部品情報
logo
Kemet Corporation
T350E105J035A KEMET-T350E105J035A Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
T350E105J035AS KEMET-T350E105J035AS Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
T350E105K035A KEMET-T350E105K035A Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
T350E105K035AS KEMET-T350E105K035AS Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
T350E105M035A KEMET-T350E105M035A Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
More results

同様の説明 - T350E336K006AT

メーカー部品番号データシート部品情報
logo
Kemet Corporation
T351E106K025AT KEMET-T351E106K025AT Datasheet
83Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-10% Tol, 25 V, Lead Spacing=2.54 mm
T350G106K035AT7301 KEMET-T350G106K035AT7301 Datasheet
70Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-10% Tol, 35 V, Lead Spacing=2.54 mm
T350C106M010AT KEMET-T350C106M010AT Datasheet
75Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-20% Tol, 10 V, Lead Spacing=2.54 mm
T350E106K025AT7301 KEMET-T350E106K025AT7301 Datasheet
76Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-10% Tol, 25 V, Lead Spacing=2.54 mm
T350E475K035AT7301 KEMET-T350E475K035AT7301 Datasheet
70Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 4.7 uF, /-10% Tol, 35 V, Lead Spacing=2.54 mm
T350G106M035AT7301 KEMET-T350G106M035AT7301 Datasheet
70Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-20% Tol, 35 V, Lead Spacing=2.54 mm
T350A105K020AT KEMET-T350A105K020AT Datasheet
75Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 1 uF, /-10% Tol, 20 V, Lead Spacing=2.54 mm
T350B684K050AT KEMET-T350B684K050AT Datasheet
75Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 0.68 uF, /-10% Tol, 50 V, Lead Spacing=2.54 mm
T350E106M016AT KEMET-T350E106M016AT Datasheet
75Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-20% Tol, 16 V, Lead Spacing=2.54 mm
T350A104K050AT KEMET-T350A104K050AT Datasheet
75Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 0.1 uF, /-10% Tol, 50 V, Lead Spacing=2.54 mm
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com