データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC2102 データシート(PDF) 10 Page - Holtek Semiconductor Inc

部品番号 BC2102
部品情報  Sub-1GHz OOK/FSK Transmitter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC2102 データシート(HTML) 10 Page - Holtek Semiconductor Inc

Back Button BC2102 Datasheet HTML 6Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 7Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 8Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 9Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 10Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 11Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 12Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 13Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Rev. 1.00
10
December 21, 2016
BC2102
CFG1: Configuration Control Register 1
Address
Bit
7
6
5
4
3
2
1
0
01h
Name
DLY_TOFF[3:0]
Setting1
R/W
R/W
R/W
R/W
Initial Value
1
1
1
0
0
0
0
1
Bit 7~4 DLY_TOFF[3:0]: Transmitter Auto Power Off Delay Time
t = 2ms×(DLY_TOFF[3:0]+2)
0000: 4ms
0001: 6ms
0010: 8ms
:
1110: 32ms
1111: Infinite – Never enter the Deep Sleep Mode
Bit 3~0 Setting1: Must be [0b0001]
CFG2: Configuration Control Register 2
Address
Bit
7
6
5
4
3
2
1
0
02h
Name
FDEV[7:0]
R/W
R/W
Initial Value
0
1
1
0
0
1
1
0
Bit 7~0 FDEV[7:0]: Frequency deviation for FSK
When External Crystal = 24MHz, FDEV = (fdev × 214 / Fxtal); Fxtal=12MHz
When External Crystal = 16MHz, FDEV = (fdev × 215 / Fxtal); Fxtal=16MHz
Examples are as follows:
Default FDEV[7:0]=01100110 → Decimal 102
External Crystal = 16MHz
fdev (Frequency deviation) = FDEV × (16M / 215 )
fdev (Frequency deviation) = 102 × (16M / 32768) = 49.8kHz
CFG3: Configuration Control Register 3
Address
Bit
7
6
5
4
3
2
1
0
03h
Name
FSK_SEL
Setting2
TXPWR[3:0]
R/W
R/W
R/W
R/W
Initial Value
0
1
0
0
1
0
0
0
Bit 7
FSK_SEL: FSK Mode Enable
0: OOK
1: FSK
Bit 6~4 Setting 2: Must be [0b100]
Bit 3~0 TXPWR[3:0]: RF Output Power
The device has several output power values which are 0, 5, 10, and 13 dBm for all temperatures.
TXPWR[3:0]
RF Output Power
TXPWR[3:0]
RF Output Power
0000
0dBm
1000
10dBm
0100
5dBm
1100
13dBm


同様の部品番号 - BC2102

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BC211 ETC1-BC211 Datasheet
121Kb / 1P
   General Purpose Transistors
BC211 ETC-BC211 Datasheet
142Kb / 1P
   KREMIKOVE TRANZISTORY PRO VSEOBECNE POUZITI
logo
Motorola, Inc
BC212 MOTOROLA-BC212 Datasheet
107Kb / 4P
   Amlifier Transistors (PNP)
logo
Fairchild Semiconductor
BC212 FAIRCHILD-BC212 Datasheet
329Kb / 5P
   Process 63 PNP Medium Power
logo
Micro Electronics
BC212 MICRO-ELECTRONICS-BC212 Datasheet
62Kb / 1P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTOR
More results

同様の説明 - BC2102

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
BC68F2123 HOLTEK-BC68F2123 Datasheet
6Mb / 117P
   Sub-1GHz OOK/FSK TX Soc 1K Flash MCU
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
Silicon Laboratories
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
   Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
logo
List of Unclassifed Man...
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
logo
Analog Devices
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com