データシートサーチシステム |
|
1N4732A データシート(PDF) 2 Page - Fairchild Semiconductor |
|
1N4732A データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page 2 www.fairchildsemi.com 1N4728A - 1N4764A Rev. G2 Electrical Characteristics T C = 25°C unless otherwise noted Notes: 1. Zener Voltage (VZ) The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length. Device VZ (V) @ IZ (Note 1) Test Current IZ (mA) Max. Zener Impedance Leakage Current Min. Typ. Max. ZZ @ IZ ( Ω) ZZK @ IZK (Ω) IZK (mA) IR ( µA) VR (V) 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 20.9 22.8 25.65 28.5 31.35 22 24 27 30 33 23.1 25.2 28.35 31.5 34.65 11.5 10.5 9.5 8.5 7.5 23 25 35 40 45 750 750 750 1000 1000 0.25 0.25 0.25 0.25 0.25 5 5 5 5 5 16.7 18.2 20.6 22.8 25.1 1N4753A 1N4754A 1N4755A 1N4756A 1N4757A 34.2 37.05 40.85 44.65 48.45 36 39 43 47 51 37.8 40.95 45.15 49.35 53.55 7 6.5 6 5.5 5 50 60 70 80 95 1000 1000 1500 1500 1500 0.25 0.25 0.25 0.25 0.25 5 5 5 5 5 27.4 29.7 32.7 35.8 38.8 1N4758A 1N4759A 1N4760A 1N4761A 1N4762A 53.2 58.9 64.6 71.25 77.9 56 62 68 75 82 58.8 65.1 71.4 78.75 86.1 4.5 4 3.7 3.3 3 110 125 150 175 200 2000 2000 2000 2000 3000 0.25 0.25 0.25 0.25 0.25 5 5 5 5 5 42.6 47.1 51.7 56 62.2 1N4763A 1N4764A 86.45 95 91 100 95.55 105 2.8 2.5 250 350 3000 3000 0.25 0.25 5 5 69.2 76 |
同様の部品番号 - 1N4732A |
|
同様の説明 - 1N4732A |