データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3472 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 2SK3472
部品情報  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3472 データシート(HTML) 2 Page - Toshiba Semiconductor

  2SK3472 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3472 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3472 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3472 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3472 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3472 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3472
2002-03-04
2
Electrical Characteristics (Tc
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
µA
Drain-source breakdown voltage
V (BR) GSS
IG = ±10 µA, VDS = 0 V
±30
V
Drain cut-OFF current
IDSS
VDS = 450 V, VGS = 0 V
100
µA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
450
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 0.5 A
4.0
4.6
Forward transfer admittance
Yfs
VDS = 10 V, ID = 0.5 A
0.3
0.8
S
Input capacitance
Ciss
180
Reverse transfer capacitance
Crss
2
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
20
pF
Rise time
tr
7
Turn-ON time
ton
15
Fall time
tf
30
Switching time
Turn-OFF time
toff
70
ns
Total gate charge
(gate-source plus gate-drain)
Qg
5
Gate-source charge
Qgs
3
Gate-drain (“miller”) charge
Qgd
VDD ∼− 360 V, VGS = 10 V, ID = 1 A
2
nC
Source-Drain Ratings and Characteristics (Tc
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
1
A
Pulse drain reverse current
(Note 1)
IDRP
2
A
Forward voltage (diode)
VDSF
IDR = 1 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
350
µs
Reverse recovery charge
Qrr
IDR = 1 A, VGS = 0 V,
dIDR/dt = 100 A/µs
1.3
µC
Marking
Duty <= 1%, tw = 10 µs
0 V
10 V
VGS
RL = 400 Ω
VDD ∼− 200 V
ID = 0.5 A
VOUT
Type
K3472
※ Lot Number
Month (starting from alphabet A)
Year
(last number of the christian era)


同様の部品番号 - 2SK3472

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK3472 TOSHIBA-2SK3472 Datasheet
191Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3472 TOSHIBA-2SK3472 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK3472 VBSEMI-2SK3472 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3472 ISC-2SK3472 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3472 TOSHIBA-2SK3472_06 Datasheet
191Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results

同様の説明 - 2SK3472

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com