データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0-1377175-8 データシート(PDF) 3 Page - TE Connectivity Ltd

部品番号 0-1377175-8
部品情報  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

0-1377175-8 データシート(HTML) 3 Page - TE Connectivity Ltd

  0-1377175-8 Datasheet HTML 1Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 2Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 3Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 4Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 5Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 6Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 7Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 8Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Ring Tongue Terminals – Nylon
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-3
2
.203
.211
.632
.739
.105
,54310-1,
M2
5.16
5.36
16.05 18.77
2.67
26–24
.029
.203
.211
.632
.736
.105
,
52189
,-0
(0.12–0.24)
0.74
4
5.16
5.36
16.05 18.69
2.67
8
.281
.250
.671
.814
.105
,54311-1,
M4
7.14
6.35
17.04 20.68
2.67
.140
.121
.452
.525
.082
321013-0
0
3.56
3.07
11.48 13.34
2.08
.140
.121
.452
.525
.082
2-323912-1
3.56
3.07
11.48 13.34
2.08
26–22
.020
2
.140
.211
.542
.615
.082
329951-0
(0.10–0.41)
0.51
M2
3.56
5.36
13.77 15.62
2.08
.203
.211
.542
.646
.082
323913-0
5.16
5.36
13.77 16.41
2.08
8
.250
.281
.612
.740
.082
2-323916-1
M4
6.35
7.14
15.54 18.80
2.08
.281
.250
.631
.774
.100
323985-0
4
7.14
6.35
16.03 19.66
2.54
6
.281
.250
.631
.774
.100
323986-0
M3.5
7.14
6.35
16.03 19.66
2.54
8
.312
.281
.662
.821
.100
323989-0
M4
7.92
7.14
16.81 20.85
2.54
.312
.281
.662
.821
.100
323990-0
10
7.92
7.14
16.81 20.85
2.54
.182
.172
.576
.669
.125
324158-0
2
4.62
4.37
14.63 16.99
3.18
M2
.218
.156
.560
.672
.125
328657-0
5.54
3.96
14.22 17.07
3.18
.182
.172
.576
.669
.125
327654-0
4.62
4.37
14.63 16.99
3.18
.182
.172
.576
.669
.140
320882-0
2-320882-1
4.62
4.37
14.63 16.99
3.56
.218
.156
.560
.672
.125
2-320553-2
4
5.54
3.96
14.22 17.07
3.18
.218
.156
.560
.672
.125
,,36254,,-0
5.54
3.96
14.22 17.07
3.18
.250
.312
.716
.844
.140
330648-0
2-330648-1
6.35
7.92
18.19 21.44
3.56
.218
.156
.560
.672
.125
2-36149-2
5.54
3.96
14.22 17.07
3.18
.218
.156
.560
.672
.140
36150-0
2-36150-1
5.54
3.96
14.22 17.07
3.56
6
.250
.250
.654
.782
.125
51863-0
0-051863-1
M3.5
6.35
6.35
16.61 19.86
3.18
.312
.281
.685
.844
.125
323008-0
7.92
7.14
17.40 21.44
3.18
.312
.281
.685
.844
.140
326878-0
7.92
7.14
17.40 21.44
3.56
8
.281
.250
.654
.797
.125
320554-0
2-320554-1
M3.5
7.14
6.35
16.61 20.24
3.18
.281
.250
.654
.797
.140
2-31887-1
7.14
6.35
16.61 20.24
3.56
.312
.281
.685
.844
.125
2-36153-2
10
7.92
7.14
17.40 21.44
3.18
.344
.297
.701
.876
.125
32836-0
8.74
7.54
17.81 22.25
3.18
.344
.297
.701
.876
.140
32837-0
0-032837-1
8.74
7.54
17.81 22.25
3.56
,, Must be crimped with 22–18 or 22–16 PIDG (red) Tooling.
,, Slightly larger than standard #4 stud hole (.128 in./3.25 mm).
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
L
E
C
W
24–20
(0.16–0.65)
.025
0.64
22–16
(0.26–1.65)
.033
0.84


同様の部品番号 - 0-1377175-8

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
0-13.0-JT21CT-A-K-1.8 JAUCH-0-13.0-JT21CT-A-K-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-2.5 JAUCH-0-13.0-JT21CT-A-K-2.5 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.0 JAUCH-0-13.0-JT21CT-A-K-3.0 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.3 JAUCH-0-13.0-JT21CT-A-K-3.3 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-P-1.8 JAUCH-0-13.0-JT21CT-A-P-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
More results

同様の説明 - 0-1377175-8

メーカー部品番号データシート部品情報
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com