データシートサーチシステム |
|
2-1377175-0 データシート(PDF) 3 Page - TE Connectivity Ltd |
|
2-1377175-0 データシート(HTML) 3 Page - TE Connectivity Ltd |
3 / 24 page Ring Tongue Terminals – Nylon PIDG Pre-Insulated Diamond Grip Section Catalog 1654376-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 37 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 37-3 2 .203 .211 .632 .739 .105 ,54310-1, – M2 5.16 5.36 16.05 18.77 2.67 26–24 .029 .203 .211 .632 .736 .105 , 52189 ,-0 – (0.12–0.24) 0.74 4 5.16 5.36 16.05 18.69 2.67 8 .281 .250 .671 .814 .105 ,54311-1, – M4 7.14 6.35 17.04 20.68 2.67 .140 .121 .452 .525 .082 321013-0 – 0 3.56 3.07 11.48 13.34 2.08 .140 .121 .452 .525 .082 – 2-323912-1 3.56 3.07 11.48 13.34 2.08 26–22 .020 2 .140 .211 .542 .615 .082 329951-0 – (0.10–0.41) 0.51 M2 3.56 5.36 13.77 15.62 2.08 .203 .211 .542 .646 .082 323913-0 – 5.16 5.36 13.77 16.41 2.08 8 .250 .281 .612 .740 .082 – 2-323916-1 M4 6.35 7.14 15.54 18.80 2.08 .281 .250 .631 .774 .100 323985-0 – 4 7.14 6.35 16.03 19.66 2.54 6 .281 .250 .631 .774 .100 323986-0 – M3.5 7.14 6.35 16.03 19.66 2.54 8 .312 .281 .662 .821 .100 323989-0 – M4 7.92 7.14 16.81 20.85 2.54 .312 .281 .662 .821 .100 323990-0 – 10 7.92 7.14 16.81 20.85 2.54 .182 .172 .576 .669 .125 324158-0 – 2 4.62 4.37 14.63 16.99 3.18 M2 .218 .156 .560 .672 .125 328657-0 – 5.54 3.96 14.22 17.07 3.18 .182 .172 .576 .669 .125 327654-0 – 4.62 4.37 14.63 16.99 3.18 .182 .172 .576 .669 .140 320882-0 2-320882-1 4.62 4.37 14.63 16.99 3.56 .218 .156 .560 .672 .125 – 2-320553-2 4 5.54 3.96 14.22 17.07 3.18 .218 .156 .560 .672 .125 ,,36254,,-0 – 5.54 3.96 14.22 17.07 3.18 .250 .312 .716 .844 .140 330648-0 2-330648-1 6.35 7.92 18.19 21.44 3.56 .218 .156 .560 .672 .125 – 2-36149-2 5.54 3.96 14.22 17.07 3.18 .218 .156 .560 .672 .140 36150-0 2-36150-1 5.54 3.96 14.22 17.07 3.56 6 .250 .250 .654 .782 .125 51863-0 0-051863-1 M3.5 6.35 6.35 16.61 19.86 3.18 .312 .281 .685 .844 .125 323008-0 – 7.92 7.14 17.40 21.44 3.18 .312 .281 .685 .844 .140 326878-0 – 7.92 7.14 17.40 21.44 3.56 8 .281 .250 .654 .797 .125 320554-0 2-320554-1 M3.5 7.14 6.35 16.61 20.24 3.18 .281 .250 .654 .797 .140 – 2-31887-1 7.14 6.35 16.61 20.24 3.56 .312 .281 .685 .844 .125 – 2-36153-2 10 7.92 7.14 17.40 21.44 3.18 .344 .297 .701 .876 .125 32836-0 – 8.74 7.54 17.81 22.25 3.18 .344 .297 .701 .876 .140 32837-0 0-032837-1 8.74 7.54 17.81 22.25 3.56 ,, Must be crimped with 22–18 or 22–16 PIDG (red) Tooling. ,, Slightly larger than standard #4 stud hole (.128 in./3.25 mm). Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. Wire Size AWG (mm2) Terminal Insulation Color Wire Insulation Diameter Max. Tongue Material Thickness Max. Stud Size Dimensions WC E L Min. Max. Max. Part Numbers Loose Tape Piece Mounted Material and Finish Insulation: Nylon acc. UL 94 V-2 Terminal Body and Metallic Sleeve: Copper per ASTM B-152 Plating: Tin per ASTM B-545 L E C W 24–20 (0.16–0.65) .025 0.64 22–16 (0.26–1.65) .033 0.84 |
同様の部品番号 - 2-1377175-0 |
|
同様の説明 - 2-1377175-0 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |