データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT1G66GW データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74AHCT1G66GW
部品情報  Bilateral switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G66GW データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT1G66GW Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2002 Jun 06
8
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
Type 74AHC1G66 and 74AHCT1G66
For 74AHC1G66: VCC = 2.0, 3.0, 4.5 and 5.5 V; or 74AHCT1G66: VCC = 4.5 and 5.5 V.
Note
1. At supply voltage approaching 2 V, the analog switch ON-resistance becomes extremely non-linear. Therefore, it is
recommended that these devices are used to transmit digital signals only, when using this supply voltage.
SYMBOL
PARAMETER
TEST
CONDITIONS
Tamb (°C)
UNIT
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 2.0 V; IS = 1 mA; VI =VIH or VIL; see Figs 7 and 8
RON
ON-resistance
(peak)
Vis =VCC to GND
148(1)
−−−−−Ω
ON-resistance
(rail)
Vis = GND
30
−−−−−Ω
Vis =VCC
28
−−−−−Ω
VCC = 3.0 to 3.6 V; IS = 10 mA; VI =VIH or VIL; see Figs 7 and 8
RON
ON-resistance
(peak)
Vis =VCC to GND
28
50
70
110
ON-resistance
(rail)
Vis = GND
20
50
65
90
Vis =VCC
18
50
65
90
VCC = 4.5 to 5.5 V; IS = 10 mA; VI =VIH or VIL; see Figs 7 and 8
RON
ON-resistance
(peak)
Vis =VCC to GND
15
30
40
60
ON-resistance
(rail)
Vis = GND
15
22
26
40
Vis =VCC
13
22
26
40


同様の部品番号 - 74AHCT1G66GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT1G66GW NXP-74AHCT1G66GW Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
74AHCT1G66GW NXP-74AHCT1G66GW Datasheet
128Kb / 17P
   74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHCT1G66GW NEXPERIA-74AHCT1G66GW Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
logo
NXP Semiconductors
74AHCT1G66GW,125 NXP-74AHCT1G66GW,125 Datasheet
128Kb / 17P
   74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHCT1G66GW-Q100 NEXPERIA-74AHCT1G66GW-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
More results

同様の説明 - 74AHCT1G66GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com