データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA064X104J3GACTU データシート(PDF) 6 Page - Kemet Corporation

部品番号 CA064X104J3GACTU
部品情報  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

CA064X104J3GACTU データシート(HTML) 6 Page - Kemet Corporation

Back Button CA064X104J3GACTU Datasheet HTML 2Page - Kemet Corporation CA064X104J3GACTU Datasheet HTML 3Page - Kemet Corporation CA064X104J3GACTU Datasheet HTML 4Page - Kemet Corporation CA064X104J3GACTU Datasheet HTML 5Page - Kemet Corporation CA064X104J3GACTU Datasheet HTML 6Page - Kemet Corporation CA064X104J3GACTU Datasheet HTML 7Page - Kemet Corporation CA064X104J3GACTU Datasheet HTML 8Page - Kemet Corporation CA064X104J3GACTU Datasheet HTML 9Page - Kemet Corporation CA064X104J3GACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1016_C0G_ARRAY_SMD • 10/14/2016
66
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Capacitor Array, C0G Dielectric, 10 – 200 VDC, (Commercial & Automotive Grade)
Table 1 – Capacitance Range/Selection Waterfall (0508 – 0612 Case Sizes)
Capacitance Capacitance
Code
Case Size/
Series
C0508X (CA052X 2-Cap Case Size)
C0612X (CA064X 4-Cap Case Size)
Voltage Code
8
4
3
5
1
8
4
3
5
1
2
Rated Voltage (VDC)
10
16
25
50
100
10
16
25
50
100
200
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
10 pF
100
J
K
M
MA
MA
MA
MA
MA
MA
12 pF
120
J
K
M
MA
MA
MA
MA
MA
MA
15 pF
150
J
K
M
MA
MA
MA
MA
MA
MA
18 pF
180
J
K
M
MA
MA
MA
MA
MA
MA
22 pF
220
J
K
M
MA
MA
MA
MA
MA
MA
27 pF
270
J
K
M
MA
MA
MA
MA
MA
MA
33 pF
330
J
K
M
MA
MA
MA
MA
MA
MA
39 pF
390
J
K
M
MA
MA
MA
MA
MA
MA
47 pF
470
J
K
M
MA
MA
MA
MA
MA
MA
56 pF
560
J
K
M
MA
MA
MA
MA
MA
MA
68 pF
680
J
K
M
MA
MA
MA
MA
MA
MA
82 pF
820
J
K
M
MA
MA
MA
MA
MA
MA
100 pF
101
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
120 pF
121
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
150 pF
151
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
180 pF
181
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
220 pF
221
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
270 pF
271
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
330 pF
331
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
390 pF
391
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
470 pF
471
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
560 pF
561
J
K
M
PA
PA
PA
PA
PA
680 pF
681
J
K
M
PA
PA
PA
PA
PA
820 pF
821
J
K
M
PA
PA
PA
PA
PA
1,000 pF
102
J
K
M
PA
PA
PA
PA
PA
1,100 pF
112
J
K
M
PA
PA
PA
PA
PA
1,200 pF
122
J
K
M
PA
PA
PA
PA
PA
1,300 pF
132
J
K
M
PA
PA
PA
PA
PA
1,500 pF
152
J
K
M
PA
PA
PA
PA
PA
1,600 pF
162
J
K
M
PA
PA
PA
PA
PA
1,800 pF
182
J
K
M
PA
PA
PA
PA
PA
2,000 pF
202
J
K
M
PA
PA
PA
PA
PA
2,200 pF
222
J
K
M
PA
PA
PA
PA
PA
Capacitance
Capacitance
Code
Rated Voltage (VDC)
10
16
25
50
100
10
16
25
50
100
200
Voltage Code
8
4
3
5
1
8
4
3
5
1
2
Case Size/Series
C0508X (CA052X 2-Cap Case Size)
C0612X (CA064X 4-Cap Case Size)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.


同様の部品番号 - CA064X104J3GACTU

メーカー部品番号データシート部品情報
logo
Kemet Corporation
CA064X104J3RACTU KEMET-CA064X104J3RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064X104J3RALTU KEMET-CA064X104J3RALTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
More results

同様の説明 - CA064X104J3GACTU

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com