データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2004 データシート(PDF) 5 Page - Tiger Electronic Co.,Ltd

部品番号 ULN2004
部品情報  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ULN2004 データシート(HTML) 5 Page - Tiger Electronic Co.,Ltd

  ULN2004_17 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ULN2004
TEST CIRCUIT(cont.)
OPEN
OPEN
VF
IF
7.
VF
Note1: Pulse width 50μs ,duty cycle 10%
Output impedance 50Ω, tr≦5ns, tf≦10ns
Note2: See below
Note3: CL includes probe and jig capacitance
TYPE NUMBER
ULN2004
R1
0
VIH
8V
INPUT CONDITION
8. tON, tOFF
PULSE
GENERATOR
Note 2
INPUT
OPEN
VOUT
RL
CL=15pF
(Note 3)
(Note 1)
OUTPUT
INPUT
OUTPUT
50%
50%
TON
TOFF
90%
50%
10%
90%
50%
10%
tr
tf
50μs
VIH
0
VOL
VOH
5


同様の部品番号 - ULN2004_17

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ULN2004D1 STMICROELECTRONICS-ULN2004D1 Datasheet
163Kb / 14P
   Seven darlington array
ULN2004D1013TR STMICROELECTRONICS-ULN2004D1013TR Datasheet
163Kb / 14P
   Seven darlington array
ULN2004D1013TR STMICROELECTRONICS-ULN2004D1013TR Datasheet
605Kb / 14P
   Seven darlington array
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
ULN2004 UTC-ULN2004_15 Datasheet
280Kb / 9P
   7CH DARLINGTON SINK DRIVER
More results

同様の説明 - ULN2004_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com