データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Qxx25LH5 データシート(PDF) 1 Page - Littelfuse

部品番号 Qxx25LH5
部品情報  RoHS compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Qxx25LH5 データシート(HTML) 1 Page - Littelfuse

  Qxx25LH5 Datasheet HTML 1Page - Littelfuse Qxx25LH5 Datasheet HTML 2Page - Littelfuse Qxx25LH5 Datasheet HTML 3Page - Littelfuse Qxx25LH5 Datasheet HTML 4Page - Littelfuse Qxx25LH5 Datasheet HTML 5Page - Littelfuse Qxx25LH5 Datasheet HTML 6Page - Littelfuse Qxx25LH5 Datasheet HTML 7Page - Littelfuse Qxx25LH5 Datasheet HTML 8Page - Littelfuse Qxx25LH5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/30/16
Teccor® brand Thyristors
25 Amp Standard & Alternistor (High Commutation) Triacs
Qxx25xx & Qxx25xHx Series
Description
25 Amp bi-directional solid state switch series is designed
for AC switching and phase control applications such as
motor speed and temperature modulation controls, lighting
controls, and static switching relays.
Standard type devices normally operate in Quadrants I & III
triggered from AC line.
Alternistor type devices only operate in quadrants I, II, & III
and are used in circuits requiring high dv/dt capability.
Features & Benefits
• RoHS compliant
• Glass – passivated
junctions
• Voltage capability up
to 1000 V
• Surge capability up
to 250 A
Main Features
Symbol
Value
Unit
I
T(RMS)
25
A
V
DRM/VRRM
1000
V
I
GT
50 to 80
mA
Schematic Symbol
MT2
MT1
G
Agency Approval
Agency
Agency File Number
TO-220L, TO-218K, TO-218J &
Fastpak Packages: E71639
Applications
Excellent for AC switching and phase control applications
such as heating, lighting, and motor speed controls.
Typical applications are AC solid-state switches, industrial
power tools, exercise equipment, white goods and
commercial appliances.
Alternistor Triacs (no snubber required) are used in
applications with extremely inductive loads requiring
highest commutation performance.
Internally constructed isolated packages are offered for
ease of heat sinking with highest isolation voltage.
RoHS
Additional Information
Datasheet
Samples
Resources


同様の部品番号 - Qxx25LH5

メーカー部品番号データシート部品情報
logo
Littelfuse
QXX25LH5 LITTELFUSE-QXX25LH5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25LH5 LITTELFUSE-QXX25LH5 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25LH5 LITTELFUSE-QXX25LH5 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
QXX25LH5TP LITTELFUSE-QXX25LH5TP Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25LH5TP LITTELFUSE-QXX25LH5TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
More results

同様の説明 - Qxx25LH5

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com