データシートサーチシステム |
|
TL22DNAW015D データシート(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
TL22DNAW015D データシート(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
3 / 6 page Series TL Fully Illuminated Toggles A128 A www.nkkswitches.com Pole 2 DPDT TYPICAL SWITCH ORDERING EXAMPLE 2 W01 D A Toggle Colors For Bright C Red D Amber F Green For Super Bright N No Color Terminals, Contacts & Ratings W01 Solder Lug Terminals Silver 6A @ 125V AC for .689” (17.5mm) Toggle only G01 Solder Lug Terminals Gold 0.4VA @ 28V AC/DC for .433” (11.0mm) Toggle only TL 6G LED Colors Bright 5C Red 5D Amber 5F Green Super Bright 6B White 6F Green 6G Blue DESCRIPTION FOR TYPICAL ORDERING EXAMPLE TL22DNAW016G 2 N Circuit 2 ON NONE ON .689” (17.5mm) Toggle Length; No Color (matte finish of clear material) Blue, Super Bright LED Black Housing Silver Contacts with 6-amp Rating DPDT ON-NONE-ON Circuit Solder Lug Terminals Toggle Lengths D .689” (17.5mm) (combines with silver contacts only) S .433” (11.0mm) (combines with gold contacts only) Housing A Black |
同様の部品番号 - TL22DNAW015D |
|
同様の説明 - TL22DNAW015D |