データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-7850 データシート(PDF) 8 Page - Broadcom Corporation.

部品番号 HCPL-7850
部品情報  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOARDCOM [Broadcom Corporation.]
ホームページ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-7850 データシート(HTML) 8 Page - Broadcom Corporation.

Back Button HCPL-7850 Datasheet HTML 4Page - Broadcom Corporation. HCPL-7850 Datasheet HTML 5Page - Broadcom Corporation. HCPL-7850 Datasheet HTML 6Page - Broadcom Corporation. HCPL-7850 Datasheet HTML 7Page - Broadcom Corporation. HCPL-7850 Datasheet HTML 8Page - Broadcom Corporation. HCPL-7850 Datasheet HTML 9Page - Broadcom Corporation. HCPL-7850 Datasheet HTML 10Page - Broadcom Corporation. HCPL-7850 Datasheet HTML 11Page - Broadcom Corporation. HCPL-7850 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Broadcom
- 8 -
ACPL-785E, HCPL-7850, HCPL-7851, 5962-97557
Data Sheet
AC Electrical Specifications
Figure 5 Gain and Nonlinearity Test Circuit
0.1 F
VDD2
8
7
6
1
3
HCPL-785x
5
2
4
0.01
F
10 K
10 K
+15 V
0.1 F
0.1 F
-15 V
+
AD624CD
GAIN = 4
VDD1
13.2
404
VIN
VOUT
+15 V
0.1 F
0.1 F
-15 V
+
AD624CD
GAIN = 10
10 K
0.47
F
0.1 F
0.47
F
0.47
F
Figure 6 Gain Change vs. Temperature
Figure 7 Gain Change vs. VDD1 and VDD2
TA – TEMPERATURE – °C
0
-0.10
0.05
-0.20
-20
20
140
100
-60
60
-0.05
-0.15
VDD1 = 5 V
VDD2 = 5 V
VDD – SUPPLY VOLTAGE – V
0.04
0.02
0.10
-0.06
0.06
0.08
4.6
4.8
5.6
4.4
5.4
5.2
5.0
0
-0.02
-0.04
vs. VDD1 (VDD2 = 5 V)
vs. VDD2 (VDD1 = 5 V)
TA = 25° C
Figure 8 Nonlinearity Error Plot vs. Input Voltage
VIN+ – INPUT VOLTAGE – V
-0.05
0.15
-0.10
0.05
0.10
-0.1
0
0.1
0.2
-0.2
0
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
TA = 25° C
200 mV ERROR
100 mV ERROR


同様の部品番号 - HCPL-7850

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7850 AVAGO-HCPL-7850 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7850-100 HP-HCPL-7850-100 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
HCPL-7850-200 HP-HCPL-7850-200 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
HCPL-7850-300 HP-HCPL-7850-300 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

同様の説明 - HCPL-7850

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com