データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-643x データシート(PDF) 1 Page - Broadcom Corporation.

部品番号 HCPL-643x
部品情報  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOARDCOM [Broadcom Corporation.]
ホームページ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-643x データシート(HTML) 1 Page - Broadcom Corporation.

  HCPL-643x Datasheet HTML 1Page - Broadcom Corporation. HCPL-643x Datasheet HTML 2Page - Broadcom Corporation. HCPL-643x Datasheet HTML 3Page - Broadcom Corporation. HCPL-643x Datasheet HTML 4Page - Broadcom Corporation. HCPL-643x Datasheet HTML 5Page - Broadcom Corporation. HCPL-643x Datasheet HTML 6Page - Broadcom Corporation. HCPL-643x Datasheet HTML 7Page - Broadcom Corporation. HCPL-643x Datasheet HTML 8Page - Broadcom Corporation. HCPL-643x Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Broadcom
- 1 -
Description
These units are single and dual channel, hermetically sealed
optocouplers. The products are capable of operation and
storage over the full military temperature range and can be
purchased as either commercial product or with full
MIL-PRF-38534 Class Level H or K testing or from the
appropriate DLA Standard Microcircuit Drawing (SMD). All
devices are manufactured and tested on a MIL-PRF-38534
certified line, and Class H and K devices are included in the DLA
Qualified Manufacturers List, QML-38534 for Hybrid
Microcircuits.
CAUTION
It is advised that normal static precautions be
taken in handling and assembly of this
component to prevent damage and/or
degradation which may be induced by ESD.
1.
See Selection Guide – Lead Configuration Options for available
extensions.
Features
Dual marked with device part number and DLA Standard
Microcircuit Drawing (SMD)
Manufactured and tested on a MIL-PRF-38534 certified line
QML-38534, Class H and K
Two hermetically sealed package configurations
Performance guaranteed over full military temperature
range: –55° C to +125° C
High speed: 40 M bit/s
High common mode rejection 500 V/μs guaranteed
1500 Vdc withstand test voltage
Active (totem pole) outputs
Three stage output available
High radiation immunity
HCPL-2400/30 function compatibility
Reliability data
Compatible with TTL, STTL, LSTTL, and HCMOS logic
families
Applications
Military and space
High reliability systems
Transportation, medical, and life critical systems
Isolation of high-speed logic systems
Computer-peripheral interfaces
Switching power supplies
Isolated bus driver (networking applications) – (5400/1/K
only)
Pulse transformer replacement
Ground loop elimination
Harsh industrial environments
High-speed disk drive I/O
Digital isolation for A/D, D/A conversion
HCPL-540x, 5962-89570, HCPL-543x,
HCPL-643x, 5962-89571 1
Hermetically Sealed, Very High Speed, Logic Gate
Optocouplers
Data Sheet


同様の部品番号 - HCPL-643x

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-643X HP-HCPL-643X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
More results

同様の説明 - HCPL-643x

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com