データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-576X データシート(PDF) 2 Page - Broadcom Corporation.

部品番号 HCPL-576X
部品情報  AC/DC to Logic Interface Hermetically Sealed Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOARDCOM [Broadcom Corporation.]
ホームページ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-576X データシート(HTML) 2 Page - Broadcom Corporation.

  HCPL-576X Datasheet HTML 1Page - Broadcom Corporation. HCPL-576X Datasheet HTML 2Page - Broadcom Corporation. HCPL-576X Datasheet HTML 3Page - Broadcom Corporation. HCPL-576X Datasheet HTML 4Page - Broadcom Corporation. HCPL-576X Datasheet HTML 5Page - Broadcom Corporation. HCPL-576X Datasheet HTML 6Page - Broadcom Corporation. HCPL-576X Datasheet HTML 7Page - Broadcom Corporation. HCPL-576X Datasheet HTML 8Page - Broadcom Corporation. HCPL-576X Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Broadcom
- 2 -
HCPL-576x, 5962-8947701
Data Sheet
These units combine several unique functions in a single
package, providing the user with an ideal component for
computer input boards and other applica­tions where a
predetermined input threshold optocoupler level is desirable.
The high gain output stage features an open collector output
providing both TTL compatible saturation voltages and CMOS
compatible breakdown voltages.
This is an 8-pin DIP which may be purchased with a variety of
lead bend and plating options. See Selection Guide Table for
details. Standard Microcircuit Drawing (SMD) parts are
available for each lead style.
Schematic
Note: D1 and D2 are Schottky diodes; D3 and D4 are zener diodes.
Functional Diagram
Truth Table
NOTE
The connection of a 0.1-μF bypass capacitor
between pins 8 and 5 is recommended.
Selection Guide — Package Styles and
Lead Configuration Options
Input
Output
H (VTH+ < Vdc) (on)
L
L (Vdc < VTH–) (off)
H
Part Number and Options
Commercial
HCPL-5760
MIL-PRF-38534 Class H
HCPL-5761
MIL-PRF-38534 Class K
HCPL-576K
Standard Lead Finisha
a.
Gold Plate lead finish: Maximum gold thickness of leads is <100
micro inches. Typical is 60 to 90 micro inches.
Gold
Solder Dippedb
b.
Solder lead finish: Sn63/Pb37.
Option #200
Butt Joint/Gold Platea
Option #100
Gull Wing/Solderedb
Option #300
Crew Cut/Gold Platea
Option #600
Class H SMD Part Number
Prescript for all below
5962-
Gold Platea
8947701PC
Solder Dippedb
8947701PA
Butt Joint/Gold Platea
8947701YC
Butt Joint/Solderedb
8947701YA
Gull Wing/Solderedb
8947701XA
Crew Cut/Gold Platea
Available
Crew Cut/Solderedb
Available
Class K SMD Part Number
Prescript for all below
5962-
Gold Platea
8947702KPC
Solder Dippedb
8947702KPA
Butt Joint/Gold Platea
8947702KYC
Butt Joint/Solderedb
8947702KYA
Gull Wing/Solderedb
8947702KXA
Crew Cut/Gold Platea
Available
Crew Cut/Solderedb
Available


同様の部品番号 - HCPL-576X

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results

同様の説明 - HCPL-576X

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com