データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1217MTD データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FIN1217MTD
部品情報  LVDS 21-Bit Serializers/De-Serializers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1217MTD データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FIN1217MTD Datasheet HTML 2Page - Fairchild Semiconductor FIN1217MTD Datasheet HTML 3Page - Fairchild Semiconductor FIN1217MTD Datasheet HTML 4Page - Fairchild Semiconductor FIN1217MTD Datasheet HTML 5Page - Fairchild Semiconductor FIN1217MTD Datasheet HTML 6Page - Fairchild Semiconductor FIN1217MTD Datasheet HTML 7Page - Fairchild Semiconductor FIN1217MTD Datasheet HTML 8Page - Fairchild Semiconductor FIN1217MTD Datasheet HTML 9Page - Fairchild Semiconductor FIN1217MTD Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.fairchildsemi.com
6
Absolute Maximum Ratings(Note 6)
Recommended Operating
Conditions
Note 6: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
Note 7: 100mV VCC noise should be tested for frequency at least up to
2 MHz. All the specification below should be met under such a noise.
Transmitter DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Note 8)
Note 8: All Typical values are at TA = 25°C and with VCC = 3.3V.
Note 9: Positive current values refer to the current flowing into device and negative values means current flowing out of pins. Voltage are referenced to
ground unless otherwise specified (except
∆V
OD and VOD).
Note 10: The power supply current for both transmitter and receiver can be different with the number of active I/O channels.
Note 11: The 16-grayscale test pattern tests device power consumption for a “typical” LCD display pattern. The test pattern approximates signal switching
needed to produce groups of 16 vertical strips across the display.
Power Supply Voltage (VCC)
-0.3V to +4.6V
TTL/CMOS Input/Output Voltage
−0.5V to +4.6V
LVDS Input/Output Voltage
-0.3V to +4.6V
LVDS Output Short Circuit Current (IOSD)
Continuous
Storage Temperature Range (TSTG)
−65°C to +150°C
Maximum Junction Temperature (TJ)
150
°C
Lead Temperature (TL)
(Soldering, 4 seconds)
260
°C
ESD Rating (HBM, 1.5 k
Ω, 100 pF)
LVDS I/O to GND
>10.0 kV
All Pins (FIN1215, FIN1217 only)
>6.5 kV
ESD Rating (MM, 0
Ω, 200 pF)
(FIN1215, FIN1217 only)
>400V
Supply Voltage (VCC)
3.0V to 3.6V
Operating Temperature (TA)(Note 6)
−40°C to +85°C
Maximum Supply Noise Voltage
(VCCNPP)
100 mVP-P (Note 7)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Transmitter LVTTL Input Characteristics
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
GND
0.8
V
VIK
Input Clamp Voltage
IIK = −18 mA
−0.79
−1.5
V
IIN
Input Current
VIN = 0.4V to 4.6V
1.8
10.0
µA
VIN = GND
−10.0
0
Transmitter LVDS Output Characteristics (Note 9)
VOD
Output Differential Voltage
RL = 100 Ω, See Figure 1
250
450
mV
∆V
OD
VOD Magnitude Change from Differential LOW-to-HIGH
35.0
mV
VOS
Offset Voltage
1.125
1.25
1.375
V
∆V
OS
Offset Magnitude Change from Differential LOW-to-HIGH
mV
IOS
Short Circuit Output Current
VOUT = 0V
−3.5
−5.0
mA
IOZ
Disabled Output Leakage Current
DO
= 0V to 4.6V, PwrDn = 0V
±1.0
±10.0
µA
Transmitter Supply Current
ICCWT
21:3 Transmitter Power Supply Current
33.0 MHz
28.0
46.2
mA
for Worst Case Pattern (With Load)
RL = 100 Ω,
40.0 MHz
29.0
51.7
(Note 10), (Note 11)
See Figure 3
65.0 MHz
34.0
57.2
(85.0 MHz Specification for FIN1217 only)
85.0 MHz
39.0
62.7
ICCPDT
Powered Down Supply Current
PwrDn
= 0.8V
10.0
55.0
µA


同様の部品番号 - FIN1217MTD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN1217MTD FAIRCHILD-FIN1217MTD Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217MTDX FAIRCHILD-FIN1217MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1217MTDX ONSEMI-FIN1217MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
More results

同様の説明 - FIN1217MTD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com