データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD2200S データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FOD2200S
部品情報  LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2200S データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FOD2200S Datasheet HTML 3Page - Fairchild Semiconductor FOD2200S Datasheet HTML 4Page - Fairchild Semiconductor FOD2200S Datasheet HTML 5Page - Fairchild Semiconductor FOD2200S Datasheet HTML 6Page - Fairchild Semiconductor FOD2200S Datasheet HTML 7Page - Fairchild Semiconductor FOD2200S Datasheet HTML 8Page - Fairchild Semiconductor FOD2200S Datasheet HTML 9Page - Fairchild Semiconductor FOD2200S Datasheet HTML 10Page - Fairchild Semiconductor FOD2200S Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/7/04
Page 7 of 14
© 2004 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
LOGIC GATE OPTOCOUPLERS
FOD2200
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
Fig. 3. Test Circuit and Typical Waveforms for Common Mode Transient Immunity
50 V
OUTPUT
VO
* SEE NOTE 6.
0 V
VOH
VOL
VO (MAX.)*
VO (MIN.)*
SWITCH AT A: IF = 1.6 mA
SWITCH AT B: IF = 0 mA
VCM
7
1
4
5
6
8
FOD2200
0.1
µF
BYPASS
OUTPUT VO
MONITORING
NODE
VCC
RIN
2
3
VFF
A
B
+
VCM
PULSE GENERATOR
VCC
GND
FOD2200
DATA
INPUT
D1 (1N4150) REQUIRED FOR
ACTIVE PULL-UP DRIVER.
1.1 k
VCC1 (+5 V)
VCC
GND
D1
TTL OR
LSTTL
Figure 4. Recommended LSTTL to LSTTL Circuit.
Figure 6. Recommended LED Drive Circuit.
Figure 5. LSTTL to CMOS Interface Circuit.
Figure 7. Series LED Drive with Open Collector Gate
(4.7 k
Ω Resistor Shunts IOH from the LED).
120 pF
1
2
3
4
8
7
6
5
1
2
FOD2200
DATA
INPUT
TTL OR
LSTTL
VCC2
(+5 V)
UP TO 16
LSTTL
LOADS
OR 4 TTL
LOADS
1.1
k
VCC1
(+5 V)
DATA
OUTPUT
TOTEM
POLE
OUTPUT
GATE
VCC
GND
120 pF (OPTIONAL*)
*The 120pF capacitor may be omitted in applications where 500ns propagation delay is sufficient.
FOD2200
DATA
INPUT
TTL OR
LSTTL
1.1
k
VCC (+5 V)
OPEN
COLLECTOR
GATE
VCC
GND
4.7 k
120 pF (OPTIONAL*)
1
2
FOD2200
DATA
INPUT
TTL OR
LSTTL
VCC2
(4.5 TO 20 V)
1.1
k
VCC1
(+5 V)
DATA
OUTPUT
TOTEM
POLE
OUTPUT
GATE
VCC
GND
CMOS
VCC2
5 V
10 V
15 V
20 V
RL
1.1 K
2.37 K
3.83 K
5.11 K
RL
1
2
3
4
8
7
6
5


同様の部品番号 - FOD2200S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD2200S FAIRCHILD-FOD2200S Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
FOD2200SD FAIRCHILD-FOD2200SD Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
FOD2200SDV FAIRCHILD-FOD2200SDV Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
FOD2200SV FAIRCHILD-FOD2200SV Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
More results

同様の説明 - FOD2200S

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2200 AVAGO-HCPL-2200 Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
   Hermetic Low Input Current Optocouplers
June 21, 2017
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com